Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5105SD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5105SD
Description  100V Half Bridge Gate Driver with Programmable Dead-time
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5105SD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5105SD Datasheet HTML 1Page - National Semiconductor (TI) LM5105SD Datasheet HTML 2Page - National Semiconductor (TI) LM5105SD Datasheet HTML 3Page - National Semiconductor (TI) LM5105SD Datasheet HTML 4Page - National Semiconductor (TI) LM5105SD Datasheet HTML 5Page - National Semiconductor (TI) LM5105SD Datasheet HTML 6Page - National Semiconductor (TI) LM5105SD Datasheet HTML 7Page - National Semiconductor (TI) LM5105SD Datasheet HTML 8Page - National Semiconductor (TI) LM5105SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Connection Diagram
20137501
10-Lead LLP
See NS Number SDC10A
Ordering Information
Ordering Number
Package Type
NSC Package Drawing
Supplied As
LM5105SD
LLP-10
SDC10A
1000 shipped as Tape & Reel
LM5105SDX
LLP-10
SDC10A
4500 shipped as Tape & Reel
Pin Descriptions
Pin
Name
Description
Application Information
1V
DD
Positive gate drive supply
Decouple VDD to VSS using a low ESR/ESL capacitor, placed as
close to the IC as possible.
2
HB
High side gate driver
bootstrap rail
Connect the positive terminal of bootstrap capacitor to the HB pin
and connect negative terminal to HS. The Bootstrap capacitor
should be placed as close to IC as possible.
3
HO
High side gate driver
output
Connect to the gate of high side N-MOS device through a short,
low inductance path.
4
HS
High side MOSFET source
connection
Connect to the negative terminal of the bootststrap capacitor and to
the source of the high side N-MOS device.
5
NC
Not Connected
6
RDT
Deadtime programming pin
A resistor from RDT to VSS programs the turn-on delay of both the
high and low side MOSFETs. The resistor should be placed close
to the IC to minimize noise coupling from adjacent PC board traces.
7
EN
Logic input for driver
Disable/Enable
TTL compatible threshold with hysteresis. LO and HO are held in
the low state when EN is low.
8
IN
Logic input for gate driver
TTL compatible threshold with hysteresis. The high side MOSFET
is turned on and the low side MOSFET turned off when IN is high.
9V
SS
Ground return
All signals are referenced to this ground.
10
LO
Low side gate driver output
Connect to the gate of the low side N-MOS device with a short, low
inductance path.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com