Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1022HS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF1022HS
Description  RF Power LDMOS Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1022HS Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF1022HS Datasheet HTML 1Page - NXP Semiconductors MMRF1022HS Datasheet HTML 2Page - NXP Semiconductors MMRF1022HS Datasheet HTML 3Page - NXP Semiconductors MMRF1022HS Datasheet HTML 4Page - NXP Semiconductors MMRF1022HS Datasheet HTML 5Page - NXP Semiconductors MMRF1022HS Datasheet HTML 6Page - NXP Semiconductors MMRF1022HS Datasheet HTML 7Page - NXP Semiconductors MMRF1022HS Datasheet HTML 8Page - NXP Semiconductors MMRF1022HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMRF1022HS
Figure 2. MMRF1022HS Test Circuit Component Layout
VGGB
VGGA
R2
C1
C2
R4
C10
C14
C
P
C3
C4
Z1
R1
C7 C6
C5
R5
C8
C9
R3
C11 C17
C18
C20
C16
C15
C13
C12
C19
Table 6. MMRF1022HS Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C9, C10, C11, C12, C18
10 μF Chip Capacitors
C5750X7S2A106M230KB
TDK
C2, C8, C13, C17
9.1 pF Chip Capacitors
ATC100B9R1CT500XT
ATC
C3, C5, C15
9.1 pF Chip Capacitors
ATC600F9R1BT250XT
ATC
C4
0.5 pF Chip Capacitor
ATC600F0R5BT250XT
ATC
C6
0.8 pF Chip Capacitor
ATC600F0R8BT250XT
ATC
C7
1.1 pF Chip Capacitor
ATC600F1R1BT250XT
ATC
C14
4.7 pF Chip Capacitor
ATC600F4R7BT250XT
ATC
C16
0.2 pF Chip Capacitor
ATC600F0R2BT250XT
ATC
C19, C20
470 μF, 63 V Electrolytic Capacitors
MCGPR63V477M13X26-RH
Multicomp
R1
50 Ω, 20 W Chip Resistor
C20A5024
Anaren
R2, R3
5.6 KΩ, 1/4 W Chip Resistors
CRCW12065K60FKEA
Vishay
R4, R5
6.2 Ω, 1/4 W Chip Resistors
CRCW12066R20FKEA
Vishay
Z1
2000–2300 MHz Band, 90°, 5 dB Directional Coupler
X3C21P1-05S
Anaren
PCB
Rogers RO4350B, 0.020″, εr =3.66
—
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com