Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1304LR5 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF1304LR5
Description  RF Power LDMOS Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1304LR5 Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF1304LR5 Datasheet HTML 1Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 2Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 3Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 4Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 5Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 6Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 7Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 8Page - NXP Semiconductors MMRF1304LR5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMRF1304LR5
TYPICAL CHARACTERISTICS
0.1
100
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 2. Capacitance versus Drain--Source Voltage
30
Ciss
10
1
Coss
Crss
Measured with 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc
40
50
IDQ =10 mA
Figure 3. Normalized VGS versus Quiescent
Current and Case Temperature
TC, CASE TEMPERATURE (C)
1.06
1.04
1.01
1
0.98
0.96
0.93
100
--50
0
--25
25
50
VDD =50 Vdc
150 mA
75
100 mA
10
IDQ (mA)
Slope (mV/C)
50
100
150
--2.16
--1.79
--1.76
--1.68
50 mA
0.94
0.95
0.97
0.99
1.02
1.03
1.05
1.07
250
108
90
TJ, JUNCTION TEMPERATURE (C)
107
106
104
110
130
150
170
190
210
230
105
ID =0.55 Amps
0.69 Amps
0.83 Amps
VDD =50 Vdc
Figure 4. MTTF versus Junction Temperature -- CW
Note:
MTTF value represents the total cumulative operating time
under indicated test conditions.
MTTF calculator available at http:/www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
NOTE: For pulse applications or CW conditions, use the MTTF
calculator referenced above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com