Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF1312GS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF1312GS
Description  RF Power LDMOS Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1312GS Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF1312GS Datasheet HTML 1Page - NXP Semiconductors MMRF1312GS Datasheet HTML 2Page - NXP Semiconductors MMRF1312GS Datasheet HTML 3Page - NXP Semiconductors MMRF1312GS Datasheet HTML 4Page - NXP Semiconductors MMRF1312GS Datasheet HTML 5Page - NXP Semiconductors MMRF1312GS Datasheet HTML 6Page - NXP Semiconductors MMRF1312GS Datasheet HTML 7Page - NXP Semiconductors MMRF1312GS Datasheet HTML 8Page - NXP Semiconductors MMRF1312GS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF1312H MMRF1312HS MMRF1312GS
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
–0.5, +112
Vdc
Gate--Source Voltage
VGS
–6.0, +10
Vdc
Storage Temperature Range
Tstg
– 65to+150
C
Case Operating Temperature Range
TC
–40 to 150
C
Operating Junction Temperature Range (1)
TJ
–40 to 225
C
Total Device Dissipation @ TC =25C
Derate above 25C
PD
1053
5.26
W
W/C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Impedance, Junction to Case
Pulse: Case Temperature 64C, 1000 W Peak, 128 sec Pulse Width,
10% Duty Cycle, 50 Vdc, IDQ = 100 mA, 1030 MHz
ZJC
0.017
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2, passes 2500 V
Machine Model (per EIA/JESD22--A115)
B, passes 250 V
Charge Device Model (per JESD22--C101)
IV, passes 2000 V
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (3)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID =10 A)
V(BR)DSS
112
—
—
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =112 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
On Characteristics
Gate Threshold Voltage (3)
(VDS =10 Vdc, ID = 520 Adc)
VGS(th)
1.3
1.8
2.3
Vdc
Gate Quiescent Voltage (4)
(VDD =50 Vdc, ID = 100 mAdc, Measured in Functional Test)
VGS(Q)
1.5
2.0
2.5
Vdc
Drain--Source On--Voltage (3)
(VGS =10 Vdc, ID =2.6 Adc)
VDS(on)
0.05
0.17
0.35
Vdc
Dynamic Characteristics (3)
Reverse Transfer Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
2.5
—
pF
1. Continuous use at maximum temperature will affect MTTF.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
3. Each side of device measured separately.
4. Measurement made with device in push--pull configuration.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com