Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD310 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD310
Description  12V Low Profile OCXO with Sine Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD310 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD310 Datasheet HTML 1Page - Golledge Electronics Ltd HCD310 Datasheet HTML 2Page - Golledge Electronics Ltd HCD310 Datasheet HTML 3Page - Golledge Electronics Ltd HCD310 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCD310 1/4
v1.0
HCD310
HCD310
12V Low Profile OCXO with Sine
12V Low Profile OCXO with Sine
Output
Output
Temperature stability down to 50ppb
Single 12V supply (15V or 18V optional)
Low profile compact package
Standard European IEC CO-08 pin-out
Custom options available
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Ageing per day (at despatch)
Any
< ±1x10
A
< ±5x10
B
Temperature stability
Any
< ±1x10
M
< ±5x10
N
Operating temperature range
Any
-20 to +60°C
D
0 to +70°C
E
-20 to +70°C
F
Supply voltage (V )
Any
+12V (±0.5V)
N
+15V (±0.5V)
P
+18V (±0.5V)
R
-8
-9
-7
-8
DD


Similar Part No. - HCD310

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD310 GOLLEDGE-HCD310 Datasheet
63Kb / 1P
12V OCXO Low Profile
HCD310/BNDN GOLLEDGE-HCD310/BNDN Datasheet
63Kb / 1P
12V OCXO Low Profile
HCD310/BNDN GOLLEDGE-HCD310/BNDN Datasheet
127Kb / 1P
12V OCXO Low Profile
HCD310 GOLLEDGE-HCD310_15 Datasheet
127Kb / 1P
12V OCXO Low Profile
More results

Similar Description - HCD310

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD310 GOLLEDGE-HCD310 Datasheet
63Kb / 1P
12V OCXO Low Profile
MCOCXOS GOLLEDGE-MCOCXOS Datasheet
59Kb / 1P
12V OCXO Sine Output 14-pin DIL
HCD71 GOLLEDGE-HCD71 Datasheet
67Kb / 1P
12V OCXO Sine Output
HCD370 GOLLEDGE-HCD370_15 Datasheet
130Kb / 1P
OCXO Sine Output Low Height
MCOCXOS GOLLEDGE-MCOCXOS_15 Datasheet
155Kb / 2P
12V OCXO Sine Output
HCD300 GOLLEDGE-HCD300_18 Datasheet
556Kb / 4P
5V Low Profile OCXO with Sine Output
HCD311 GOLLEDGE-HCD311_18 Datasheet
553Kb / 4P
12V Low Profile OCXO with CMOS/TTL Output
HCD360 GOLLEDGE-HCD360_18 Datasheet
556Kb / 4P
12V Tight Stability OCXO with Sine Output
HCD370 GOLLEDGE-HCD370_18 Datasheet
550Kb / 4P
12V Tight Stability OCXO with Sine Output and Low Profile
MCOCXOS GOLLEDGE-MCOCXOS_18 Datasheet
555Kb / 5P
12V OCXO with Sine Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com