Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6118 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS6118
Description  CLOCK GENERATOR IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6118 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS6118 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6118 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6118 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6118 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XT
February 1999
2.4.99
2
)6
&ORFN*HQHUDWRU,&
$GYDQFH ,QIRUPDWLRQ
,62
3.0
Electrical Specifications
Table 3: Absolute Maximum Ratings
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These conditions represent a stress rating only, and functional operation of the device at
these or any other conditions above the operational limits noted in this specification is not implied. Exposure to maximum rating conditions for extended conditions may affect device performance,
functionality, and reliability.
PARAMETER
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage (VSS = ground)
VDD
VSS-0.5
7
V
Input Voltage, dc
VI
VSS-0.5
VDD+0.5
V
Output Voltage, dc
VO
VSS-0.5
VDD+0.5
V
Input Clamp Current, dc (VI < 0 or VI > VDD)IIK
-50
50
mA
Output Clamp Current, dc (VI < 0 or VI > VDD)IOK
-50
50
mA
Storage Temperature Range (non-condensing)
TS
-65
150
°C
Ambient Temperature Range, Under Bias
TA
-55
125
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
Input Static Discharge Voltage Protection (MIL-STD 883E, Method 3015.7)
2
kV
CAUTION: ELECTROSTATIC SENSITIVE DEVICE
Permanent damage resulting in a loss of functionality or performance may occur if this device is subjected to a high-energy elec-
trostatic discharge.
Table 4: Operating Conditions
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
5V ± 10%
4.5
5.0
5.5
V
Ambient Operating Temperature Range
TA
070
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com