Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCOCXOWS Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # SCOCXOWS
Description  3.3V OCXO Sine Output Tight Stability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

SCOCXOWS Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  SCOCXOWS Datasheet HTML 1Page - Golledge Electronics Ltd SCOCXOWS Datasheet HTML 2Page - Golledge Electronics Ltd SCOCXOWS Datasheet HTML 3Page - Golledge Electronics Ltd SCOCXOWS Datasheet HTML 4Page - Golledge Electronics Ltd SCOCXOWS Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCOCXOWS 1/5
v1.0
SCOCXOWS
SCOCXOWS
3.3V OCXO Sine Output Tight
3.3V OCXO Sine Output Tight
Stability
Stability
Ultra high stability
Compact 14-pin DIL package (SMD optional)
3.3V supply voltage
Sinewave output
Very fast warmup
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Temperature stability
Any
±0.05ppm max, 0 to +60°C
A
±0.075ppm max, -20 to +70°C
B
±0.1ppm max, -40 to +85°C
C
Frequency adjustment
(±2.5ppm min)
Any
Control voltage 0.5~3.3V, pin 1
V
Variable resistor 0~10kΩ, pins 1 to 7
R
None (int accuracy ±1.0ppm)
A
None (int accuracy ±0.5ppm)
B
Package
Through hole 14 pin DIL
SMD option 1
D1
SMD option 2
D2


Similar Part No. - SCOCXOWS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOWS GOLLEDGE-SCOCXOWS Datasheet
149Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOWS-AR GOLLEDGE-SCOCXOWS-AR Datasheet
142Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOWS-BV GOLLEDGE-SCOCXOWS-BV Datasheet
142Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
3.3V OCXO Sine Output Tight Stability
More results

Similar Description - SCOCXOWS

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
SCOCXOVS GOLLEDGE-SCOCXOVS Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS Datasheet
149Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOWT GOLLEDGE-SCOCXOWT Datasheet
144Kb / 2P
3.3V OCXO CMOS Output Tight Stability
SCOCXOVS GOLLEDGE-SCOCXOVS_15 Datasheet
149Kb / 2P
5V OCXO Sine Output Tight Stability
SCOCXOWS GOLLEDGE-SCOCXOWS_16 Datasheet
142Kb / 2P
3.3V OCXO Sine Output Tight Stability
SCOCXOWT GOLLEDGE-SCOCXOWT_16 Datasheet
137Kb / 2P
3.3V OCXO CMOS Output Tight Stability
HCD350 GOLLEDGE-HCD350_18 Datasheet
559Kb / 4P
5V Tight Stability OCXO with Sine Output
HCD360 GOLLEDGE-HCD360_18 Datasheet
556Kb / 4P
12V Tight Stability OCXO with Sine Output
SCOCXOWT GOLLEDGE-SCOCXOWT_18 Datasheet
557Kb / 5P
3.3V Tight Stability OCXO with CMOS Output
SCOCXOVS GOLLEDGE-SCOCXOVS_18 Datasheet
556Kb / 5P
5V Tight Stability OCXO with Sine Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com