Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCOCXOLV Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # SCOCXOLV
Description  5V OCXO with CMOS Output and Fast Warm Up
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

SCOCXOLV Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  SCOCXOLV Datasheet HTML 1Page - Golledge Electronics Ltd SCOCXOLV Datasheet HTML 2Page - Golledge Electronics Ltd SCOCXOLV Datasheet HTML 3Page - Golledge Electronics Ltd SCOCXOLV Datasheet HTML 4Page - Golledge Electronics Ltd SCOCXOLV Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCOCXOLV 1/5
v1.0
SCOCXOLV
SCOCXOLV
5V OCXO with CMOS Output and Fast
5V OCXO with CMOS Output and Fast
Warm Up
Warm Up
Fast warm up times
Low power consumption
Wide operating temp. range
Compact 14-pin DIL package (SMD optional)
High shock and vibration resistance
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Temperature stability
Any
±0.050ppm max, 0 to +60°C
A
±0.025ppm max, 0 to +60°C
TA
±0.1ppm max, -20 to +70°C
B
±0.05ppm max, -20 to +70°C
TB
±0.15ppm max, -40 to +85°C
C
±0.10ppm max, -40 to +85°C
TC
±0.4ppm max, -55 to +85°C
E
±0.2ppm max, -55 to +85°C
TE
Frequency adjustment
(±2.5ppm min)
Any
Control voltage 0.5V ~ 5.0V, pin 1
V
Variable resistor 0~10kΩ, pins 1 to 7
R
None (int accuracy ±1.0ppm)
A
None (int accuracy ±0.5ppm)
B
Package
Through hole 14 pin DIL
SMD option D1
D1
SMD option D2
D2


Similar Part No. - SCOCXOLV

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
SCOCXOLVT-A10MHZ MICROCRYSTAL-SCOCXOLVT-A10MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLVT-A12.8MHZ MICROCRYSTAL-SCOCXOLVT-A12.8MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLVT-A14.7456MHZ MICROCRYSTAL-SCOCXOLVT-A14.7456MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLVT-A16.384MHZ MICROCRYSTAL-SCOCXOLVT-A16.384MHZ Datasheet
326Kb / 3P
Fast warm-up
SCOCXOLVT-A20MHZ MICROCRYSTAL-SCOCXOLVT-A20MHZ Datasheet
326Kb / 3P
Fast warm-up
More results

Similar Description - SCOCXOLV

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD665 GOLLEDGE-HCD665 Datasheet
66Kb / 1P
OCXO Sine Output - Fast Warm Up
HCD666 GOLLEDGE-HCD666 Datasheet
65Kb / 1P
OCXO HCMOS Output - Fast Warm Up
SCOCXOL GOLLEDGE-SCOCXOL Datasheet
145Kb / 2P
3.3 & 5.0V OCXO CMOS Output Fast Warm Up
HCD331 GOLLEDGE-HCD331_18 Datasheet
552Kb / 4P
5V OCXO with CMOS Output
SCOCXOLW GOLLEDGE-SCOCXOLW Datasheet
558Kb / 5P
3.3V OCXO with CMOS Output and Fast Warm Up
HCD665 GOLLEDGE-HCD665_18 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and European Pin-out
HCD666 GOLLEDGE-HCD666_18 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and European Pin-out
HCD685 GOLLEDGE-HCD685 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and US Pin-out
HCD686 GOLLEDGE-HCD686 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and US Pin-out
MCOCXOV GOLLEDGE-MCOCXOV_18 Datasheet
557Kb / 5P
5V OCXO with Fast Warm Up and CMOS Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com