Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-48DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSC-48DC
Description  The illustration shows the version PLC-RSC- 24DC/21-21
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-48DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSC-48DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-48DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-48DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-48DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-48DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-48DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Mar 25, 2010
Extract from the online
catalog
 
PLC-RSC- 48DC/21-21
Order No.: 2967248
The illustration shows the version PLC-RSC- 24DC/21-21
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2967248
 
 
PLC relay, consisting of base terminal block PLC-BSC.../21 with screw
connection and pluggable miniature relay with power contact, for
assembly on DIN rail NS 35/7.5, 2 PDT, input voltage 48 V DC
 
Commercial data
EAN
4017918163495
Pack
10 pcs.
Customs tariff
85364190
Weight/Piece
0.06925 KG
Catalog page information
Page 77 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
04/06/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Coil side
Nominal input voltage UN
48 V DC
Nominal input current at UIN
20 mA
Typical response time
8 ms


Similar Part No. - PLC-RSC-48DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSC-120UC PHOENIX-PLC-RSC-120UC Datasheet
57Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
logo
List of Unclassifed Man...
PLC-RSC-120UC/21-21 ETC2-PLC-RSC-120UC/21-21 Datasheet
140Kb / 8P
PLC relay, consisting of base terminal block PLCBSC
logo
PHOENIX CONTACT
PLC-RSC-125DC PHOENIX-PLC-RSC-125DC Datasheet
143Kb / 6P
PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
PLC-RSC-12DC PHOENIX-PLC-RSC-12DC Datasheet
111Kb / 9P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2
PLC-RSC-220DC PHOENIX-PLC-RSC-220DC Datasheet
69Kb / 4P
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
More results

Similar Description - PLC-RSC-48DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
DEK-OE-120AC PHOENIX-DEK-OE-120AC Datasheet
129Kb / 5P
The illustration shows the version DEK-OE- 24DC/48DC/100
DEK-OV-5DC PHOENIX-DEK-OV-5DC Datasheet
138Kb / 5P
The illustration shows the version DEK-OV- 24DC/24DC/3
DEK-OV-12DC PHOENIX-DEK-OV-12DC Datasheet
128Kb / 5P
The illustration shows the version DEK-OV- 24DC/24DC/3
DEK-OE-12DC PHOENIX-DEK-OE-12DC Datasheet
131Kb / 5P
The illustration shows the version DEK-OE- 24DC/48DC/100
PLC-RSC-24UC PHOENIX-PLC-RSC-24UC Datasheet
208Kb / 6P
The illustration shows the version PLC-RSC- 24DC/21-21
ST-REL7-KG120 PHOENIX-ST-REL7-KG120 Datasheet
111Kb / 5P
The illustration shows version ST-REL 7-KG 24/21-21
2966171 PHOENIX-2966171 Datasheet
124Kb / 6P
Relay Module - PLC-RSC- 24DC/21
2967060 PHOENIX-2967060 Datasheet
107Kb / 6P
Relay Module - PLC-RSC- 24DC/21-21
2909509 PHOENIX-2909509 Datasheet
433Kb / 16P
Relay Module - PLC-RSC- 24DC/21-21/EX
2910502 PHOENIX-2910502 Datasheet
274Kb / 20P
Relay Module - PLC-RSC- 24DC/21-21/MS
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com