Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13117 Datasheet(PDF) 13 Page - Ledil, Inc.

Part # C13117
Description  ~18째 smooth spot beam
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13117 Datasheet(HTML) 13 Page - Ledil, Inc.

Back Button C13117 Datasheet HTML 9Page - Ledil, Inc. C13117 Datasheet HTML 10Page - Ledil, Inc. C13117 Datasheet HTML 11Page - Ledil, Inc. C13117 Datasheet HTML 12Page - Ledil, Inc. C13117 Datasheet HTML 13Page - Ledil, Inc. C13117 Datasheet HTML 14Page - Ledil, Inc. C13117 Datasheet HTML 15Page - Ledil, Inc. C13117 Datasheet HTML 16Page - Ledil, Inc. C13117 Datasheet HTML 17Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PRODUCT
DATASHEET
C13117_LENA-SS
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON K16
FWHM
15.0°
Efficiency
73 %
Peak intensity
5.000 cd/lm
Required components:
C12924_LENA-STD-BASE-LUXEON-K
C11996_LENA-LENS
LED
CDM-14 (Dim-To-Warm)
FWHM
16.0°
Efficiency
84 %
Peak intensity
6.100 cd/lm
Required components:
C13868_LENA-STD-BASE-VERO13-18
C11996_LENA-LENS
Bender Wirth: 491 Typ L2
LED
CDM-14 (Dim-To-Warm)
FWHM
13.0°
Efficiency
89 %
Peak intensity
9.600 cd/lm
Required components:
C13868_LENA-STD-BASE-VERO13-18
Bender Wirth: 491 Typ L2
LED
CDM-9 (Dim-To-Warm)
FWHM
10.0°
Efficiency
89 %
Peak intensity
15.200 cd/lm
Required components:
C13868_LENA-STD-BASE-VERO13-18
Bender Wirth: 490 Typ L1
Last update: 23/05/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com