Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF20NB60S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGF20NB60S
Description  N-CHANNEL 13A - 600V TO-220FP PowerMESH IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF20NB60S Datasheet(HTML) 2 Page - STMicroelectronics

  STGF20NB60S Datasheet HTML 1Page - STMicroelectronics STGF20NB60S Datasheet HTML 2Page - STMicroelectronics STGF20NB60S Datasheet HTML 3Page - STMicroelectronics STGF20NB60S Datasheet HTML 4Page - STMicroelectronics STGF20NB60S Datasheet HTML 5Page - STMicroelectronics STGF20NB60S Datasheet HTML 6Page - STMicroelectronics STGF20NB60S Datasheet HTML 7Page - STMicroelectronics STGF20NB60S Datasheet HTML 8Page - STMicroelectronics STGF20NB60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STGF20NB60S
2/10
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
Table 4: Thermal Data
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: On/Off
(#) Calculated according to the iterative formula:
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VGS = 0)
600
V
VECR
Emitter-Collector Voltage
20
V
VGE
Gate-Emitter Voltage
±20
V
IC
Collector Current (continuous) at TC = 25°C (#)
24
A
IC
Collector Current (continuous) at TC = 100°C (#)
13
A
ICM ( )
Collector Current (pulsed)
70
A
PTOT
Total Dissipation at TC = 25°C
40
W
Derating Factor
0.32
W/°C
VISO
Insulation withstand voltage AC (t=1sec, Tc=25°C)
2500
V
Tstg
Storage Temperature
–55 to 150
°C
Tj
Operating Junction Temperature range
Min.
Typ.
Max.
Rthj-case
Thermal Resistance Junction-case
3.15
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
62.5
°C/W
TL
Maximum Lead Temperature for Soldering Purpose (1.6 mm
from case, for 10 sec.)
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-Emitter Breakdown
Voltage
IC = 250 µA, VGE = 0
600
V
VBR(ECS)
Emitter-Collector Breakdown
Voltage
IC = 1mA, VGE = 0
20
V
ICES
Collector cut-off Current
(VGE = 0)
VCE = Max Rating, TC = 25 °C
VCE = Max Rating, TC = 125 °C
10
100
µA
µA
IGES
Gate-Emitter Leakage
Current (VCE = 0)
VGE = ± 20V , VCE = 0
±100
nA
VGE(th)
Gate Threshold Voltage
VCE = VGE, IC = 250 µA
2.5
5
V
VCE(sat)
Collector-Emitter Saturation
Voltage
VGE = 15V, IC = 20 A, Tj= 25°C
VGE = 15V, IC = 20A, Tj=150°C
1.25
1.2
1.7
V
V
I
C
T
C
()
T
JMAX
T
C
–
R
THJ
C
–
V
CE SAT MAX
() TC IC
,
()
×
--------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com