Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP580BCPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP580BCPZ-R2
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP580BCPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP580BCPZ-R2 Datasheet HTML 5Page - Analog Devices ADCMP580BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADCMP580BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADCMP580BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADCMP580BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADCMP580BCPZ-R2 Datasheet HTML 10Page - Analog Devices ADCMP580BCPZ-R2 Datasheet HTML 11Page - Analog Devices ADCMP580BCPZ-R2 Datasheet HTML 12Page - Analog Devices ADCMP580BCPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADCMP580/ADCMP581/ADCMP582
Rev. B | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VCCI = 5.0 V, VEE = −5.0 V, VCCO = 3.3 V, TA = 25°C, unless otherwise noted.
12
0
–4
4
COMMON-MODE (V)
10
8
6
4
2
–2
0
2
VIN COMMON-MODE BIAS SWEEP
Figure 5. Bias Current vs. Common-Mode Voltage
–0.8
–1.5
–55
145
TEMPERATURE (°C)
–0.9
–1.0
–1.1
–1.2
–1.3
–1.4
–5
45
95
VOL vs. TEMPERATURE
OUTPUT (NECL)
VOH vs. TEMPERATURE
OUTPUT (NECL)
Figure 6. ADCMP581 Output Voltage vs. Temperature
80
0
0
600
–IHYST (µA)
70
60
50
40
30
20
10
100
200
300
400
500
Figure 7. Hysteresis vs. −IHYST
80
0
1
10k
RHYS CONTROL RESISTOR (Ω)
70
60
50
40
30
20
10
10
100
1k
Figure 8. Hysteresis vs. RHYS Control Resistor
2.5
1.9
–55
145
TEMPERATURE (°C)
2.4
2.3
2.2
2.1
2.0
–5
45
95
VOH vs. TEMPERATURE
OUTPUT (PECL)
VOL vs. TEMPERATURE
OUTPUT (PECL)
Figure 9. ADCMP582 Output Voltage vs. Temperature
8
0
–2
4
COMMON-MODE (V)
7
6
5
4
3
1
2
0
2
+25°C COMMON-MODE OFFSET SWEEP
–55°C COMMON-MODE OFFSET SWEEP
+125°C COMMON-MODE OFFSET SWEEP
Figure 10. A Typical VOS vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com