Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5391ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5391ACPZ-R2
Description  DC to 2.0 GHz Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5391ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5391ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5391ACPZ-R2 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
ADL5391
Rev. A | Page 11 of 15
Matching the Input/Output
The input and output impedances of the ADL5391 change over
frequency, making it difficult to match over a broad frequency
range (see Figure 15 and Figure 16). The evaluation board is
matched for lower frequency operation, and the impedance
change at higher frequencies causes the change in gain seen in
Figure 6. If desired, the user of the ADL5391 can design a
matching network to fit their application.
Wideband Voltage-Controlled Amplifier/Amplitude
Modulator
Most of the data for the ADL5391 was collected by using it as a
fast reacting analog VGA. Either X or Y inputs can be used for
the RF input (and the other as the very fast analog control),
because either input can be used from dc to 2 GHz. There is a
linear relationship between the analog control and the output of
the multiplier in the VGA mode. Figure 6 and Figure 7 show the
dynamic range available in VGA mode (without optimizing the
dc offsets).
The speed of the ADL5391 in VGA mode allows it to be used as
an amplitude modulator. Either or both inputs can have
modulation or CW applied. AM modulation is achieved by
feeding CW into X (or Y) and adding AM modulation to the Y
(or X) input.
Squaring and Frequency Doubling
Amplitude domain squaring of an input signal, E, is achieved
simply by connecting the X and Y inputs in parallel to produce
an output of E2. The input can be single-ended, differential, or
through a balun (frequency range and dynamic range can be
limited if used single ended).
When the input is a sine wave Esin(ωt), a signal squarer behaves
as a frequency doubler, because
[
]
(
)
(
)
t
E
t
E
2
ω
=
ω
2
cos
1
2
)
sin(
2
(3)
Ideally, when used for squaring and frequency doubling, there is
no component of the original signals on the output. Because of
internal offsets, this is not the case. If Equation 3 were rewritten
to include theses offsets, it could separate into three output
terms (Equation 4).
[
] [
]
[
]


+
+
ω
+
ω
=
+
ω
×
+
ω
2
)
sin(
2
)
cos(2
2
)
sin(
)
sin(
2
2
2
E
OFST
OFST
t
E
t
E
OFST
t
E
OFST
t
E
(4)
where:
The dc component is OFST2 + E2/2.
The input signal bleedthrough is 2Esin(ωt)OFST.
The input squared is E2/2[cos(2ωt)].
The dc component of the output is related to the square of both
the offset (OFST) and the signal input amplitude (E). The offset
can be found in Figure 4 and is approximately 20 mV. The
second harmonic output grows with the square of the input
amplitude, and the signal bleedthrough grows proportionally
with the input signal. For smaller signal amplitudes, the signal
bleedthrough can be higher than the second harmonic component.
As the input amplitude increases, the second harmonic component
grows much faster than the signal bleedthrough and becomes
the dominant signal at the output. If the X and Y inputs are
driven too hard, third harmonic components will also increase.
For best performance creating harmonics, the ADL5391 should
be driven differentially. Figure 17 shows the performance of the
ADL5391 when used as a harmonic generator (the evaluation
board was used with R9 and R10 removed and R2 = 56.2 Ω). If
dc operation is necessary, the ADL5391 can be driven single ended
(without the dc blocks). The flatness of the response over a broad
frequency range depends on the input/output match. The
fundamental bleed through not only depends on the amount of
power put into the device but also depends on matching the
unused differential input/output to the same impedance as the
used input/output. Figure 18 shows the performance of the
ADL5391 when driven single ended (without ac coupling
capacitors), and Figure 19 shows the schematic of the setup. A
resistive input/output match were used to match the input from
dc to 1 GHz and the output from dc to 2 GHz. Reactive matching
can be used for more narrow frequency ranges. When matching
the input/output of the ADL5391, care needs to be taken not to
load the ADL5391 too heavily; the maximum reference current
available is 50 mA.
–15
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
10
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
SECOND HARMONIC GAIN
BLEEDTHRU GAIN
THIRD HARMONIC GAIN
Figure 17. ADL5391 Used as a Harmonic Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com