Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP581BCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADCMP581BCPZ-R2
Description  Ultrafast SiGe Voltage Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP581BCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADCMP581BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADCMP581BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADCMP581BCPZ-R2 Datasheet HTML 10Page - Analog Devices ADCMP581BCPZ-R2 Datasheet HTML 11Page - Analog Devices ADCMP581BCPZ-R2 Datasheet HTML 12Page - Analog Devices ADCMP581BCPZ-R2 Datasheet HTML 13Page - Analog Devices ADCMP581BCPZ-R2 Datasheet HTML 14Page - Analog Devices ADCMP581BCPZ-R2 Datasheet HTML 15Page - Analog Devices ADCMP581BCPZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADCMP580/ADCMP581/ADCMP582
Rev. B | Page 15 of 16
OUTLINE DIMENSIONS
1.45
1.30 SQ
1.15
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
3.10
3.00 SQ
2.90
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.30
0.23
0.18
COMPLIANT TO JEDEC STANDARDS MO-220-WEED.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.80
0.75
0.70
Figure 29. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-21)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADCMP580BCPZ-WP
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-21
G12
ADCMP580BCPZ-R2
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-21
G12
ADCMP580BCPZ-RL7
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-21
G12
ADCMP581BCPZ-WP
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-21
G11
ADCMP581BCPZ-R2
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-21
G11
ADCMP581BCPZ-RL7
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-21
G11
ADCMP582BCPZ-WP
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-21
G10
ADCMP582BCPZ-R2
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-21
G10
ADCMP582BCPZ-RL7
−40°C to +125°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-21
G10
EVAL-ADCMP580BCPZ
Evaluation Board
EVAL-ADCMP581BCPZ
Evaluation Board
EVAL-ADCMP582BCPZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com