Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP607BCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADCMP607BCPZ-R2
Description  Single-Supply CML Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP607BCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADCMP607BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADCMP607BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADCMP607BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADCMP607BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADCMP607BCPZ-R2 Datasheet HTML 10Page - Analog Devices ADCMP607BCPZ-R2 Datasheet HTML 11Page - Analog Devices ADCMP607BCPZ-R2 Datasheet HTML 12Page - Analog Devices ADCMP607BCPZ-R2 Datasheet HTML 13Page - Analog Devices ADCMP607BCPZ-R2 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ADCMP606/ADCMP607
Data Sheet
Rev. C | Page 14 of 14
OUTLINE DIMENSIONS
1.30 BSC
COMPLIANT TO JEDEC STANDARDS MO-203-AB
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
1
2
4
6
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 26. 6-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-6)
Dimensions shown in millimeters
1.65
1.50 SQ
1.35
0.50
0.40
0.30
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
12
4
6
7
9
10
3
EXPOSED
PAD
PIN 1
INDICATOR
3.10
3.00 SQ
2.90
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.30
0.23
0.18
COMPLIANT TO JEDEC STANDARDS MO-220-WEED.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.80
0.75
0.70
Figure 27. 12-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm and 0.75 mm Package Height
(CP-12-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Branding
ADCMP606BKSZ-R2
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
G0S
ADCMP606BKSZ-REEL7
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
G0S
EVAL-ADCMP606BKSZ
Evaluation Board
ADCMP607BCPZ-R2
−40°C to +125°C
12-Lead Lead Frame Chip Scale Package [LFCSP]
CP-12-5
G0H
ADCMP607BCPZ-R7
−40°C to +125°C
12-Lead Lead Frame Chip Scale Package [LFCSP]
CP-12-5
G0H
ADCMP607BCPZ-WP
−40°C to +125°C
12-Lead Lead Frame Chip Scale Package [LFCSP]
CP-12-5
G0H
EVAL-ADCMP607BCPZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2006–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05917-0-4/16(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com