Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP607BCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP607BCPZ-R7
Description  Single-Supply CML Comparators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP607BCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP607BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADCMP607BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADCMP607BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADCMP607BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADCMP607BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADCMP607BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADCMP607BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADCMP607BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADCMP607BCPZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADCMP606/ADCMP607
Data Sheet
Rev. C | Page 12 of 14
The hysteresis control pin appears as a 1.25 V bias voltage seen
through a series resistance of 70 kΩ ± 20% throughout the
hysteresis control range. The advantages of applying hysteresis in
this manner are improved accuracy, improved stability, reduced
component count, and maximum versatility. An external bypass
capacitor is not recommended on the LE/HYS pin because it
impairs the latch function and often degrades the jitter
performance of the device. As described in the Using/Disabling
the Latch Feature section, hysteresis control need not
compromise the latch function.
CROSSOVER BIAS POINTS
In both op amps and comparators, rail-to-rail inputs of this type
have a dual front-end design. Certain devices are active near the
VCCI rail and others are active near the VEE rail. At some prede-
termined point in the common-mode range, a crossover occurs.
At this point, normally VCCI/2, the direction of the bias current
reverses and the measured offset voltages and currents change.
The ADCMP606/ADCMP607 comparators slightly elaborate
on this scheme. Crossover points are found at approximately
0.6 V and 1.6 V common mode.
MINIMUM INPUT SLEW RATE REQUIREMENT
With the rated load capacitance and normal good PCB design
practice, as discussed in the Optimizing Performance section,
these comparators should be stable at any input slew rate with
no hysteresis. Broadband noise from the input stage is observed
in place of the violent chattering seen with most other high
speed comparators. With additional capacitive loading or poor
bypassing, oscillation is observed. This oscillation is due to the
high gain bandwidth of the comparator in combination with
feedback parasitics in the package and PC board. In many
applications, chattering is not harmful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com