Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSC-60DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSC-60DC
Description  Efficient connection to system cabling using V8 adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSC-60DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSC-60DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSC-60DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSC-60DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSC-60DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSC-60DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSC-60DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2967303
10/28/2014   Page 1 / 6
Relay Module - PLC-RSC- 60DC/21-21AU - 2967303
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature
relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 60 V DC
The illustration shows the version
PLC-RSC- 24DC/21-21
Product Features
 Slim design
 Efficient connection to system cabling using V8 adapter
 Safe isolation according to DIN EN 50178 between coil and contact
 RT III sealed relay
 Integrated input circuit and interference suppression circuit
 Functional plug-in bridges
 
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
68.37 GRM
Custom tariff number
85364900
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions


Similar Part No. - PLC-RSC-60DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSC-120UC PHOENIX-PLC-RSC-120UC Datasheet
57Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
logo
List of Unclassifed Man...
PLC-RSC-120UC/21-21 ETC2-PLC-RSC-120UC/21-21 Datasheet
140Kb / 8P
PLC relay, consisting of base terminal block PLCBSC
logo
PHOENIX CONTACT
PLC-RSC-125DC PHOENIX-PLC-RSC-125DC Datasheet
143Kb / 6P
PLC relay, consisting of basic terminal block PLC-BSC.../21 with screw connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 125 V DC
PLC-RSC-12DC PHOENIX-PLC-RSC-12DC Datasheet
111Kb / 9P
PLC-INTERFACE, consisting of DIN rail-mountable basic terminal block with screw connection and plug-in miniature relay with power contact, 2 PDTs, input voltage: 12 V DC, UL/cUL: approved for use in Ex Zone Class I, Div. 2
PLC-RSC-220DC PHOENIX-PLC-RSC-220DC Datasheet
69Kb / 4P
PLC-INTERFACE, consisting of PLC-BSC.../21 basic terminal block with screw connection and plug-in miniature relay with multi-layer gold contact, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 220 V DC
More results

Similar Description - PLC-RSC-60DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-V8L PHOENIX-PLC-V8L Datasheet
83Kb / 5P
V8 adapter for 8 x PLC-INTERFACE (14 mm); Controller: PLC system cabling of output cards; connection 1
PLC-RSP-24UC PHOENIX-PLC-RSP-24UC Datasheet
98Kb / 6P
Efficient connection to system cabling using V8 adapter
PLC-RSP-48DC PHOENIX-PLC-RSP-48DC Datasheet
96Kb / 6P
Efficient connection to system cabling using V8 adapter
PLC-RSP-230UC PHOENIX-PLC-RSP-230UC Datasheet
102Kb / 6P
Efficient connection to system cabling using V8 adapter
PLC-OSC-125DC PHOENIX-PLC-OSC-125DC Datasheet
80Kb / 5P
Efficient connection to system cabling using V8 adapter
PLC-RSP-120UC PHOENIX-PLC-RSP-120UC Datasheet
132Kb / 12P
Efficient connection to system cabling using V8 adapter
PLC-SC-EIK1-SVN24P PHOENIX-PLC-SC-EIK1-SVN24P Datasheet
89Kb / 5P
Connection option for PLC-V8 adapter
2296553 PHOENIX-2296553 Datasheet
103Kb / 6P
System connection - PLC-V8/FLK14/IN
2296074 PHOENIX-2296074 Datasheet
552Kb / 17P
System connection - PLC-V8/D15S/IN
2296087 PHOENIX-2296087 Datasheet
520Kb / 16P
System connection - PLC-V8/D15B/IN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com