Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-120UC Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # PLC-RSP-120UC
Description  Efficient connection to system cabling using V8 adapter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-120UC Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button PLC-RSP-120UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 10Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
https://www.phoenixcontact.com/us/products/2966524
07/15/2016   Page 7 / 12
Relay Module - PLC-RSP-120UC/21 - 2966524
Accessories
Bridge
Continuous plug-in bridge - FBST 500-PLC RD - 2966786
Continuous plug-in bridge, Length: 500 mm, Color: red
 
 
Continuous plug-in bridge - FBST 500-PLC BU - 2966692
Continuous plug-in bridge, Length: 500 mm, Color: blue
 
 
Continuous plug-in bridge - FBST 500-PLC GY - 2966838
Continuous plug-in bridge, Length: 500 mm, Color: gray
 
 
Single plug-in bridge - FBST 6-PLC RD - 2966236
Single plug-in bridge, Length: 6 mm, Number of positions: 2, Color: red
 
 
Single plug-in bridge - FBST 6-PLC BU - 2966812
Single plug-in bridge, Length: 6 mm, Number of positions: 2, Color: blue
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com