Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAT1008 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # PAT1008
Description  Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PAT1008 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  PAT1008 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PAT1008 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PAT1008 Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum V alue
単位
Unit
ピークオフ電流
Peak Off-State Current
IDM
T j= 125℃,V DM= V DRM
mA
■ 電気的特性 E lec tric al C harac teris tic s
ピークオン電圧
Peak On-State V oltage
V T M
T j= 25℃,IT M= 300A
V
トリガゲート電流
Gate Current to T rigger
IGT
V D= 6V ,IT = 1A
mA
mA
mA
トリガゲート電圧
Gate V oltage to T rigger
V GT
V D= 6V ,IT = 1A
V
V
V
非トリガゲート電圧
Gate Non-T rigger V oltage
V GD
T j= 125℃,V D= 2/3V DRM
0.25
V
ターンオフ時間
T urn-Off T ime
tq
T j= 125℃,IT M= IT(RMS),V D= 2/3V DRM
dv/dt= 20V /μ s,V R= 100V ,−di/dt= 20A /μ s
μ s
保持電流
Holding Current
IH
T j= 25℃
mA
熱抵抗
*1
T hermal Resistance
Rth(j-c)
接合部−ケース間(トータル)
J unction to Case, T otal
℃/W
質量… 約155g
1アーム当りの値 V alue Per 1 A rm.
A pproximate Weight
*1:1モジュール当りの値 V alue Per Module.
T j= −40℃
T j= 25℃
T j= 125℃
T j= −40℃
T j= 25℃
T j= 125℃
最小
Min.
標準
T yp.
100
50
40
最大
Max.
1.38
200
100
50
4
2.5
2
0.15
臨界オフ電圧上昇率
Critical Rate of Rise of Off-State V oltage
dv/dt
T j= 125℃,V D= 2/3V DRM
500
V /μ s
ラッチング電流
L atching Current
IL
T j= 25℃
mA
100
ターンオン時間
T urn-On T ime
tgt
T j= 25℃,IT M= IT(RMS),V D= 100V
IG= 200mA ,diG/dt= 0.2A /μ s
μ s
6
遅れ時間
Delay T ime
td
μ s
2
立上がり時間
Rise T ime
tr
μ s
4
接触熱抵抗
*1
T hermal Resistance
Rth(c-f)
ケース−フィン間(トータル),サーマルコンパウンド塗布
Case to F in, T otal, Greased
℃/W
0.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com