Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAT10016 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # PAT10016
Description  Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PAT10016 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  PAT10016 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PAT10016 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PAT10016 Datasheet HTML 3Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピークオフ電流
Peak Off-State Current
IDM
Tj=125℃,VDM=VDRM
mA
臨界オフ電圧上昇率
Critical Rate of Rise of Off-State Voltage
dv/dt
Tj=125℃,VD=2/3VDRM
500
V/μs
Tj=−40℃
Tj=25℃
Tj= 125℃
Tj=−40℃
Tj= 25℃
Tj= 125℃
ラッチング電流
Latching Current
最小
Min.
ピークオン電圧
Peak On-State Voltage
VTM
Tj=25℃,ITM=300A
V
トリガゲート電流
Gate Current to Trigger
IGT
VD=6V,IT=1A
mA
IL
Tj=25℃
mA
標準
Typ.
mA
トリガゲート電圧
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
V
V
V
非トリガゲート電圧
Gate Non-Trigger Voltage
VGD
Tj=125℃,VD=2/3VDRM
0.25
V
ターンオフ時間
Turn-Off Time
tq
Tj=125℃,ITM=IT(RMS),VD=2/3VDRM
dv/dt=20V/μs,VR=100V,−di/dt=20A/μs
μs
保持電流
Holding Current
IH
Tj=25℃
mA
熱抵抗
*1
Thermal Resistance
Rth(j-c)
接合部−ケース間(トータル)
Junction to Case, Total
℃/W
100
50
mA
40
100
最大
Max.
1.38
200
100
50
4
2.5
2
0.175
ターンオン時間
Turn-On Time
tgt
Tj=25℃,ITM=IT(RMS),VD=100V
IG=200mA,diG/dt=0.2A/μs
μs
6
遅れ時間
Delay Time
td
μs
2
立上がり時間
Rise Time
tr
μs
4
接触熱抵抗
*1
Thermal Resistance
Rth(c-f)
ケース−フィン間(トータル),サーマルコンパウンド塗布
Case to Fin, Total, Greased
℃/W
0.1
■電気的特性 Electrical Characteristics
質量…約155g
1アーム当りの値 Value Per 1 Arm.
Approximate Weight
*1:1モジュール当りの値 Value Per Module.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com