Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC608 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PC608
Description  Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PC608 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PC608 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PC608 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D IOD E
60A A vg 800 V olts
P C608
PD608
■ 回路図 C IR C UIT
■ 外形寸法図 OUT L INE D R A WING (単位 Dimension:mm)
■ 最大定格 Maximum R ating s
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse V oltage
V RRM
800
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse V oltage
V RSM
960
V
PC608/PD608
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated V alue
単位
Unit
平均整流電流
*1
A verage Rectified Output Current
I0(A V )
商用周波数 180° 通電
T c=114℃
Half Sine Wave
60
A
実効順電流
*1
RMS F orward Current
IF(RMS)
94
A
電流二乗時間積
*1
I Squared t
I2t
2∼10ms
7200
A 2s
動作接合温度範囲
Operating J unction T emperature Range
T jw
−40∼+150
℃
保存温度範囲
Storage T emperature Range
T stg
−40∼+125
℃
締付トルク
Mounting T orque
F
サーマルコンパウンド塗布
Greased
2.4∼2.8
N・m
2.4∼2.8
N・m
ベース部
Mounting
主端子部
T erminal
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum V alue
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
T j= 150℃,V RM= V RRM
15
mA
ピーク順電圧
*1
Peak F orward V oltage
V F M
T j= 25℃,IF M= 180A
1.25
V
熱抵抗
*1
T hermal Resistance
Rth(j-c)
接合部−ケース間
J unction to Case
0.5
℃/W
接触熱抵抗
*1
T hermal Resistance
Rth(c-f)
ケース−フィン間,サーマルコンパウンド塗布
Case to F in, Greased
0.2
℃/W
質量… 約155g
*1:1アーム当りの値 V alue Per 1 A rm.
A pproximate Weight
サージ順電流
*1
Surge F orward Current
IF SM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
1200
A
絶縁耐圧
Isolation V oltage
V iso
端子−ベース間,A C1分間
T erminal to Base, A C1min.
2000
V
■ 電気的特性 E lec tric al C harac teris tic s
M5
M5
1
2
3
D1
D2
1
2
3
D1
D2
P C
P D


Similar Part No. - PC608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC608 NIEC-PC608 Datasheet
192Kb / 3P
DIODE MODULE 60A/800V
PC608 NIEC-PC608 Datasheet
153Kb / 2P
60A Avg 800 Volts
PC608 NIEC-PC608_1 Datasheet
153Kb / 2P
60A Avg 800 Volts
logo
National Instruments Co...
PC608 NI-PC608_15 Datasheet
153Kb / 2P
60A Avg 800 Volts
More results

Similar Description - PC608

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com