Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3044 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS3044
Description  AGC-O with Active Low Cut Filter in a CIC Size Hybrid
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS3044 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS3044 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3044 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
521 - 90 -02
PAD CONNECTION
CONDITIONS: Frequency = 1 kHz, Temperature = 25
°C, Supply Voltage V
B
= 1.3 V
ELECTRICAL CHARACTERISTICS
VB
VREG
RVC
OUT
IN
RTH
GND
RHP
1
2
3
4
5
6
10
9
8
7
FOUT
AIN
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
t
n
e
r
r
u
C
d
i
r
b
y
H
I
P
M
A
-5
3
20
4
3A
µ
e
g
a
t
l
o
V
m
u
m
i
n
i
MV
B
--
1
.
1V
n
o
i
t
r
o
t
s
i
D
c
i
n
o
m
r
a
H
l
a
t
o
TD
H
TV
N
I
V
B
d
0
6
-
=-
5
.
00
.
1%
e
s
i
o
N
d
e
r
r
e
f
e
R
t
u
p
n
IN
R
IR
,
d
e
t
h
g
i
e
w
A
P
H
k
0
0
1
=
Ω
-4
.
4-
V
µ
S
M
R
k
a
e
P
t
a
n
i
a
G
m
e
t
s
y
SA
V
R
,
z
H
k
8
.
2
=
y
c
n
e
u
q
e
r
F
P
H
k
0
0
1
=
Ω
5
38
31
4B
d
,
t
u
C
w
o
L
h
t
i
w
k
a
e
P
t
a
n
i
a
G
e
v
i
t
a
l
e
R
3
e
t
o
N
∆A
V
R
,
z
H
k
8
.
2
=
y
c
n
e
u
q
e
r
F
P
H
0
=-
0
.
1
--
B
d
3
e
t
o
N
,
z
H
0
0
5
t
a
n
i
a
G
e
v
i
t
a
l
e
R
∆A
F
L
R
,
z
H
0
0
5
=
y
c
n
e
u
q
e
r
F
P
H
k
0
0
1
=
Ω
-0
.
3
--
B
d
,
t
u
C
w
o
L
h
t
i
w
z
H
0
0
5
t
a
n
i
a
G
e
v
i
t
a
l
e
R
3
e
t
o
N
∆A
C
L
R
,
z
H
0
0
5
=
y
c
n
e
u
q
e
r
F
P
H
0
=7
2
-3
2
-9
1
-B
d
3
e
t
o
N
,
z
H
k
5
t
a
n
i
a
G
e
v
i
t
a
l
e
R
∆A
F
H
R
,
z
H
k
5
=
y
c
n
e
u
q
e
r
F
P
H
k
0
0
1
=
Ω
-0
.
3
--
B
d
e
g
a
t
l
o
V
r
o
t
a
l
u
g
e
RV
G
E
R
0
9
85
3
90
0
0
1V
m
o
i
t
a
R
n
o
i
t
c
e
j
e
R
y
l
p
p
u
S
r
e
w
o
PR
R
S
P9
46
5-
B
d
C
G
A
)
d
e
r
r
e
f
e
R
P
/
O
(
d
l
o
h
s
e
r
h
T
m
u
m
i
x
a
MH
T
X
A
M
V
N
I
2
e
t
o
N
,
V
B
d
0
6
-
=3
4
-1
4
-9
3
-V
B
d
)
d
e
r
r
e
f
e
R
P
/
O
(
d
l
o
h
s
e
r
h
T
m
u
m
i
n
i
MH
T
N
I
M
V
N
I
R
,
V
B
d
0
7
-
=
H
T
2
e
t
o
N
,
k
0
0
1
=9
5
-7
5
-5
5
-V
B
d
e
g
n
a
R
n
i
a
G
C
V
∆A
C
V
R
C
V
k
0
0
1
=
Ω
0
o
t
Ω
5
38
31
4B
d
d
l
o
h
s
e
r
h
T
h
g
i
H
o
i
t
a
R
n
o
i
s
s
e
r
p
m
o
CH
-
P
M
CV
N
I
R
,
V
B
d
0
3
-
o
t
V
B
d
0
6
-
=
H
T
0
=0
.
80
.
90
.
0
1o
i
t
a
r
d
l
o
h
s
e
r
h
T
w
o
L
o
i
t
a
R
n
o
i
s
s
e
r
p
m
o
CL
-
P
M
CV
N
I
R
,
V
B
d
0
4
-
o
t
V
B
d
0
7
-
=
H
T
k
0
0
1
=
Ω
5
.
63
.
70
.
9o
i
t
a
r
n
i
a
G
A
e
g
a
t
SA
A
V
N
I
V
B
d
0
7
-
=4
27
20
3B
d
e
g
n
a
R
n
i
a
G
n
o
i
s
s
e
r
p
m
o
CA
E
G
N
A
R
1
e
t
o
N7
43
55
5B
d
t
n
a
t
r
s
n
o
C
e
m
i
T
C
G
A
τ
C
G
A
-0
7
2-
s
m
E
G
A
T
S
T
U
P
T
U
O
n
i
a
GA
B
-1
1-
B
d
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
OR
P
O
-4
2-
k
Ω
R
E
T
L
I
F
y
c
n
e
u
q
e
r
F
r
e
n
r
o
C
m
u
m
i
n
i
M
ƒ
_
CN
I
M
-0
3
5-
z
H
y
c
n
e
u
q
e
r
F
r
e
n
r
o
C
m
u
m
i
x
a
M
ƒ
_
CX
A
M
-2
-
z
H
k
All parameters and switches remain as shown in the Test Circuit unless otherwise stated in the CONDITIONS column.
NOTE:
1. A
RANGE = AA - AA[VIN = -20dBV, RTH = 100k]
2. Measured at output of Stage A
3. Relative to System Gain at Peak
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
3 VDC
Power Dissipation
25 mW
Operating Temperature Range
-10
° C to 40° C
Storage Temperature Range
-20
° C to 70° C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com