Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD381 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD381
Description  Very High Frequency OCXO with Ultra-low Phase Noise and CMOS Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD381 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD381 Datasheet HTML 1Page - Golledge Electronics Ltd HCD381 Datasheet HTML 2Page - Golledge Electronics Ltd HCD381 Datasheet HTML 3Page - Golledge Electronics Ltd HCD381 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCD381 1/4
v1.0
HCD381
HCD381
Very High Frequency OCXO with
Very High Frequency OCXO with
Ultra-low Phase Noise and CMOS
Ultra-low Phase Noise and CMOS
Output
Output
-160dBc/Hz noise floor
Frequencies up to 100MHz
No multiplier
Standard European IEC CO-08 pin-out
Custom options available
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Ageing per day (at despatch)
Any
< 5x10
B
< 3x10
C
< 1x10
D
Temperature stability
Any
< 5x10
N
< 2x10
P
< 1x10
R
Operating temperature range
Any
0 to +50°C
A
-10 to +60°C
C
-20 to +70°C
F
Supply voltage (V )
Any
+9V (±0.5V)
M
+12V (±0.5V)
N
+15V (±0.5V)
P
+18V (±0.5V)
R
-9
-9
-9
-8
-8
-8
DD


Similar Part No. - HCD381

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD381 GOLLEDGE-HCD381 Datasheet
114Kb / 1P
OCXO CMOS Output VHF
HCD381/BPCN GOLLEDGE-HCD381/BPCN Datasheet
114Kb / 1P
OCXO CMOS Output VHF
HCD381/CRCN GOLLEDGE-HCD381/CRCN Datasheet
114Kb / 1P
OCXO CMOS Output VHF
More results

Similar Description - HCD381

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
logo
Golledge Electronics Lt...
SCOCXOH GOLLEDGE-SCOCXOH Datasheet
138Kb / 2P
3.3 & 5.0V OCXO CMOS Output Low Phase Noise
logo
Advanced XTAL Products
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM2000 AXTAL-AXIOM2000 Datasheet
144Kb / 4P
Ultra-Low Phase Noise OCXO
2016-04-15
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
Golledge Electronics Lt...
HCD181 GOLLEDGE-HCD181_18 Datasheet
555Kb / 4P
Low Frequency OCXO with CMOS Output
HCD191 GOLLEDGE-HCD191_18 Datasheet
576Kb / 4P
Low Frequency OCXO with CMOS Output
HCD380 GOLLEDGE-HCD380_18 Datasheet
566Kb / 5P
Very High Frequency OCXO with Ultra-low Phase Noise and Sine Output
logo
Advanced XTAL Products
AXIOM35ULN AXTAL-AXIOM35ULN Datasheet
121Kb / 4P
Ultra Low Phase Noise Miniature OCXO with Sine Wave Output
2014-05-08
AXIOM75ULN AXTAL-AXIOM75ULN Datasheet
115Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com