Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD686 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # HCD686
Description  Fast Warm Up OCXO with CMOS Output and US Pin-out
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD686 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  HCD686 Datasheet HTML 1Page - Golledge Electronics Ltd HCD686 Datasheet HTML 2Page - Golledge Electronics Ltd HCD686 Datasheet HTML 3Page - Golledge Electronics Ltd HCD686 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCD686 2/4
v1.0
Frequency range
5.0 ~ 20.0MHz
Dimensions
50.8 x 50.8 x 24.5mm
Frequency stability
< 1x10 per year (option D)
< 2x10 per year (option F)
< 1x10 per 10% change in V
< 5x10 per 10% change in load
Storage temperature
range
-40 to +90°C
Output waveform
CMOS / TTL compatible
Frequency
adjustment
±5x10 (typ) over +0.5 to +7.0V
(sufficient for 10 years ageing min)
Stabilised +7.0V supply provided
Power consumption 10.0W max at switch on
1.3W typ when stabilised at 25°C
Warm up
< 1x10 after 2.25mins at +25°C
Allan deviation
(ADEV), 1 sec
< 5x10 over 1 sec (5.0MHz)
< 1x10 over 1 sec (10.0MHz)
Far-out phase noise
(all freqs)
< -155 dBc/Hz @ 1kHz
< -157 dBc/Hz @ 10kHz
< -157 dBc/Hz @ 100kHz
Harmonics
< -30dB wrt carrier
SPECIFICATIONS
-7
-8
-9
DD
-10
-7
-8
-13
-12
PACKAGE DRAWING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com