Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS41N15D Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS41N15D
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS41N15D Datasheet(HTML) 2 Page - International Rectifier

  IRFS41N15D Datasheet HTML 1Page - International Rectifier IRFS41N15D Datasheet HTML 2Page - International Rectifier IRFS41N15D Datasheet HTML 3Page - International Rectifier IRFS41N15D Datasheet HTML 4Page - International Rectifier IRFS41N15D Datasheet HTML 5Page - International Rectifier IRFS41N15D Datasheet HTML 6Page - International Rectifier IRFS41N15D Datasheet HTML 7Page - International Rectifier IRFS41N15D Datasheet HTML 8Page - International Rectifier IRFS41N15D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRFB/IRFIB/IRFS/IRFSL41N15D
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
V
VGS = 0V, ID = 250µA
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.17
–––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.045
Ω
VGS = 10V, ID = 25A
f
VGS(th)
Gate Threshold Voltage
3.0
–––
5.5
V
VDS = VGS, ID = 250µA
IDSS
Drain-to-Source Leakage Current
–––
–––
25
µA
VDS = 150V, VGS = 0V
–––
–––
250
VDS = 120V, VGS = 0V, TJ = 150°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -30V
Dynamic @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
18
–––
–––
S
VDS = 50V, ID = 25A
Qg
Total Gate Charge
–––
72
110
ID = 25A
Qgs
Gate-to-Source Charge
–––
21
31
nC
VDS = 120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
35
52
VGS = 10V
f
td(on)
Turn-On Delay Time
–––
16
–––
VDD = 75V
tr
Rise Time
–––63–––
ID = 25A
td(off)
Turn-Off Delay Time
–––
25
–––
ns
RG = 2.5Ω
tf
Fall Time
–––14–––
VGS = 10V
f
Ciss
Input Capacitance
–––
2520
–––
VGS = 0V
Coss
Output Capacitance
–––
510
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
110
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
3090
–––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
230
–––
VGS = 0V, VDS = 120V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
250
–––
VGS = 0V, VDS = 0V to 120V
g
Avalanche Characteristics
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
d
–––
470
mJ
IAR
Avalanche Current
Ù
–––
25
A
EAR
Repetitive Avalanche Energy
™
–––
20
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
41
MOSFET symbol
(Body Diode)
A
showing the
ISM
Pulsed Source Current
–––
–––
164
integral reverse
(Body Diode)
Ù
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 25A, VGS = 0V f
trr
Reverse Recovery Time
–––
170
260
ns
TJ = 25°C, IF = 25A
Qrr
Reverse Recovery Charge
–––
1.3
1.9
µC
di/dt = 100A/µs
f
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com