Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS24C16 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS24C16
Description  16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C16 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS24C16 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C16 Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ISSI®
IS24C16
Integrated Silicon Solution, Inc.
7
ADVANCE INFORMATION EE001-0C
10/03/97
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
2.7 to +5.5
V
VP
Voltage on Any Pin
–0.5 to Vcc + 0.5
V
TBIAS
Temperature Under Bias
–40 to +85
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C
5V
± 10%
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25
°C, f = 1 MHz, Vcc = 5.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com