Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDP2S02AFS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # JDP2S02AFS
Description  TOSHIBA Diode Silicon Epitaxial PIN Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDP2S02AFS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  JDP2S02AFS Datasheet HTML 1Page - Toshiba Semiconductor JDP2S02AFS Datasheet HTML 2Page - Toshiba Semiconductor JDP2S02AFS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JDP2S02AFS
2003-2-21
2
Reverse voltage VR (V)
CT – VR
Forward current IF (mA)
rs – IF
3
0.1
1
0.3
0.5
1
3
5
30
50
10
f
= 1 MHz
Ta
= 25°C
0.5
0.01
0.1
1
10
1
10
100
Ta
= 25°C
Tester: HP4291A
f
= 0.1 GHz
0.5
1.0
1.5
f
= 0.1 GHz
0.5
1.0
1.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com