Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF310 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DBF310
Description  3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DBF310 Datasheet(HTML) 1 Page - Diodes Incorporated

  DBF310 Datasheet HTML 1Page - Diodes Incorporated DBF310 Datasheet HTML 2Page - Diodes Incorporated DBF310 Datasheet HTML 3Page - Diodes Incorporated DBF310 Datasheet HTML 4Page - Diodes Incorporated DBF310 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DBF310
Document number: DS39407 Rev. 3 - 2
1 of 5
www.diodes.com
January 2018
© Diodes Incorporated
DBF310
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF (V)
IR (μA)
1,000
3
1.0
5
Description and Applications
Suitable for AC to DC bridge full wave rectification for SMPS, LED
lighting, adapter, battery charger, home appliances, office equipment,
and telecommunication applications.
Features and Benefits
Glass Passivated Die Construction
Miniature Package Saves Space on PC Boards
Low Leakage Current
Ideal for SMT Manufacturing
Low Forward Voltage Drop
Surge Overload Rating to 110A Peak
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: DBF
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 0.214 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DBF310-13
Commercial
DBF
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Green
Top View
Internal Schematic
DBF310 = Product Type Marking Code
= Manufacturers’ Code Marking
YM = Date Code Marking
Y = Last Digit of Year (ex: 7 = 2017)
M = See Month/Code Table Below
D = Day 1~9 =1~9; Day 10~31= A~V
DBF310
YMD


Similar Part No. - DBF310

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
DBF310 ZSELEC-DBF310 Datasheet
162Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nanjing International G...
DBF310 DGNJDZ-DBF310 Datasheet
289Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DBF310

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Jing Heng Electro...
ABS202 JINGHENG-ABS202 Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101S JINGHENG-DB101S Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MSB30B-UMSB YFWDIODE-MSB30B-UMSB Datasheet
527Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MSB40B-UMSB YFWDIODE-MSB40B-UMSB Datasheet
527Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MSB30B YFWDIODE-MSB30B Datasheet
464Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
MSB30B SKTECHNOLGY-MSB30B Datasheet
472Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
ABS2MS PANJIT-ABS2MS Datasheet
512Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.02 July 05,2021
PMS410 PANJIT-PMS410 Datasheet
240Kb / 5P
Surface Mount Glass Passivated Bridge Rectifier
REV.00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com