Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBF310-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DBF310-13
Description  3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DBF310-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DBF310-13 Datasheet HTML 1Page - Diodes Incorporated DBF310-13 Datasheet HTML 2Page - Diodes Incorporated DBF310-13 Datasheet HTML 3Page - Diodes Incorporated DBF310-13 Datasheet HTML 4Page - Diodes Incorporated DBF310-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DBF310
Document number: DS39407 Rev. 3 - 2
3 of 5
www.diodes.com
January 2018
© Diodes Incorporated
DBF310
0.0001
0.001
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
V
R, REVERSE VOLTAGE (V)
-55
℃
25
℃
85
℃
150
℃
125
℃
100
℃
Figure 5. Typical Reverse Characteristics
100
0
0.5
1
1.5
2
2.5
3
3.5
50
70
90
110
130
150
T
C, CASE TEMPERATURE(°C)
Figure 1. Output Current Derating Curve
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
F, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2. Typical Forward Characteristics (Per Leg)
-55
℃
25
℃
85
℃
100
℃
125
℃
150
℃
1
10
100
1
10
100
V
R, REVERSE VOLTAGE (V)
Figure 4. Typical Total Capacitance (Per Leg)
T
A = 25°C
f = 1MHz
Figure 3. Maximum Peak Forward Surge Current (Per Leg)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com