Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DF005S
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF005S Datasheet(HTML) 2 Page - Diodes Incorporated

  DF005S Datasheet HTML 1Page - Diodes Incorporated DF005S Datasheet HTML 2Page - Diodes Incorporated DF005S Datasheet HTML 3Page - Diodes Incorporated DF005S Datasheet HTML 4Page - Diodes Incorporated DF005S Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DF005S
– DF10S
Document number: DS17001 Rev. 17 - 2
2 of 5
www.diodes.com
November 2016
© Diodes Incorporated
DF005S
– DF10S
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DF
005S
DF
01S
DF
02S
DF
04S
DF
06S
DF
08S
DF
10S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRMM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Forward Rectified Current
@ TA = +40°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
DF
005S
DF
01S
DF
02S
DF
04S
DF
06S
DF
08S
DF
10S
Unit
Typical Thermal Resistance, Junction to Ambient (Note 6)
RΘJA
40
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
DF
005S
DF
01S
DF
02S
DF
04S
DF
06S
DF
08S
DF
10S
Unit
Forward Voltage (Per Element)
@ IF = 1.0A
VFM
1.1
V
Peak Reverse Current at Rated
@ TA = +25°C
DC Blocking Voltage (Per Element)
@ TA = +125°C
IRM
10
500
µA
I
2t Rating for Fusing (t<8.3ms)
I
2t
10.4
A
2s
Typical Total Capacitance (Per Element) (Note 5)
CT
25
pF
Notes:
5. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
6. Thermal resistance, junction to ambient, measured on PC board with 5.0mm
2 (0.03mm thick) land areas.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com