Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MB10S
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MB10S Datasheet(HTML) 1 Page - Diodes Incorporated

  MB10S Datasheet HTML 1Page - Diodes Incorporated MB10S Datasheet HTML 2Page - Diodes Incorporated MB10S Datasheet HTML 3Page - Diodes Incorporated MB10S Datasheet HTML 4Page - Diodes Incorporated MB10S Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MB10S
Document number: DS39045 Rev. 3 - 2
1 of 5
www.diodes.com
March 2017
© Diodes Incorporated
MB10S
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF (V)
IR (μA)
1000
0.8
1.1
5
Description and Applications
Suitable for AC to DC bridge full wave rectification for SMPS, LED
lighting, adapter, battery charger, home appliances, office equipment,
and telecommunication applications.
Features and Benefits
Glass Passivated Die Construction
Miniature Package Saves Space on PC Boards
Low Leakage Current
Ideal for SMT Manufacturing
Low Forward Voltage Drop
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: MBS
Case Material: Molded Plastic.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 0.11 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
MB10S-13
Commercial
MBS
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Green
Top View
Internal Schematic
MB10S= Product Type Marking Code
=
Manufacturers’ Code Marking
YMD = Date Code Marking
Y = Last Digit of Year (ex: 7 = 2017)
M = See Month/Code Table Below
D = Day 1~9 =1~9; Day 10~31= A~V
Pin Diagram
+
_
MB10S
YMD


Similar Part No. - MB10S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10S MCC-MB10S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB10S BILIN-MB10S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
MB10S YANGJIE-MB10S Datasheet
267Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
MB10S GOOD-ARK-MB10S Datasheet
146Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Daya Electric Group Co....
MB10S DAYA-MB10S Datasheet
43Kb / 1P
SINGLE PHASE 0.5 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - MB10S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
DS17003 DIODES-DS17003 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 13
logo
DONGGUAN YOU FENG WEI E...
UM1B-UMB YFWDIODE-UM1B-UMB Datasheet
572Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS1-ABS-LBF YFWDIODE-ABS1-ABS-LBF Datasheet
419Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S-MBS YFWDIODE-MB1S-MBS Datasheet
430Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D1UBA05 ZSELEC-D1UBA05 Datasheet
47Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01_17 Datasheet
242Kb / 5P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 14
logo
SHIKUES Electronics
MB1F SKTECHNOLGY-MB1F Datasheet
380Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
UM1B FS-UM1B Datasheet
500Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com