Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6234CS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6234CS8
Description  60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6234CS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6234CS8 Datasheet HTML 9Page - Linear Technology LT6234CS8 Datasheet HTML 10Page - Linear Technology LT6234CS8 Datasheet HTML 11Page - Linear Technology LT6234CS8 Datasheet HTML 12Page - Linear Technology LT6234CS8 Datasheet HTML 13Page - Linear Technology LT6234CS8 Datasheet HTML 14Page - Linear Technology LT6234CS8 Datasheet HTML 15Page - Linear Technology LT6234CS8 Datasheet HTML 16Page - Linear Technology LT6234CS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
623345f
LT6233/LT6233-10/
LT6234/LT6235
TYPICAL PERFOR A CE CHARACTERISTICS
Power Supply Rejection Ratio vs
Frequency
Series Output Resistance and
Overshoot vs Capacitive Load
Series Output Resistance and
Overshoot vs Capacitive Load
FREQUENCY (Hz)
20
40
60
80
120
100
1k
10k
100M
100k
10M
623345 G25
0
1M
VS = 5V, 0V
TA = 25°C
VCM = VS/2
NEGATIVE SUPPLY
POSITIVE SUPPLY
OUTPUT STEP (V)
–4
0
623345 G28
–3
–2
–1
1
300
400
350
250
200
150
50
100
234
1mV
10mV
1mV
10mV
VS = ±5V
TA = 25°C
AV = 1
+
–
500
Ω
VOUT
VIN
Settling Time vs Output Step
(Non-Inverting)
Settling Time vs Output Step
(Inverting)
Maximum Undistorted Output
Signal vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
OUTPUT STEP (V)
–4
0
623345 G29
–3
–2
–1
1
300
400
350
250
200
150
50
100
234
1mV
10mV
1mV
10mV
VS = ±5V
TA = 25°C
AV = –1
+
–
500
Ω
500
Ω
VOUT
VIN
CAPACITIVE LOAD (pF)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
623345 G26
VS = 5V, 0V
AV = 1
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω
CAPACITIVE LOAD (pF)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
623345 G27
VS = 5V, 0V
AV = 2
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω
FREQUENCY (Hz)
10k
10
9
8
7
6
5
4
3
2
100k
1M
10M
623345 G30
VS = ±5V
TA = 25°C
HD2, HD3 < –40dBc
AV = –1
AV = 2
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623345 G31
VS = ±2.5V
AV = 1
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
RL = 100Ω, 2ND
FREQUENCY (Hz)
10k
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623345 G32
VS = ±5V
AV = 1
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
RL = 100Ω, 2ND
FREQUENCY (Hz)
10k
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
623345 G33
VS = ±2.5V
AV = 2
VOUT = 2V(P–P)
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
RL = 100Ω, 2ND
(LT6233/LT6234/LT6235)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com