Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6014CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6014CS8
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6014CS8 Datasheet HTML 7Page - Linear Technology LT6014CS8 Datasheet HTML 8Page - Linear Technology LT6014CS8 Datasheet HTML 9Page - Linear Technology LT6014CS8 Datasheet HTML 10Page - Linear Technology LT6014CS8 Datasheet HTML 11Page - Linear Technology LT6014CS8 Datasheet HTML 12Page - Linear Technology LT6014CS8 Datasheet HTML 13Page - Linear Technology LT6014CS8 Datasheet HTML 14Page - Linear Technology LT6014CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT6013/LT6014
11
60134fa
Small-Signal Transient Response
Large-Signal Transient Response
Rail-to-Rail Output Swing
20mV/DIV
AV = 5
2
µs/DIV
60134 G28
1V/DIV
AV = –4
20
µs/DIV
60134 G29
VS = 5V, 0V
RL = 2k
1V/DIV
AV = –4
100
µs/DIV
60134 G30
VS = 5V, 0V
RL = 2k
TYPICAL PERFOR A CE CHARACTERISTICS
5V
0V
5V
0V
Gain vs Frequency, AV = 5
Gain and Phase vs Frequency
Gain vs Frequency, AV = –4
FREQUENCY (Hz)
–10
50
60
–20
–30
40
10
30
20
0
1k
100k
1M
10M
60134 G25
–40
–80
– 240
–120
–160
–200
–280
10k
PHASE
GAIN
VS = 5V, 0V
TA = 25°C
RL = 10k
FREQUENCY (Hz)
1k
–2
14
18
22
10k
100k
1M
60134 G26
10
6
2
VS = 5V, 0V
TA = 25°C
CL = 500pF
CL = 50pF
FREQUENCY (Hz)
1k
–4
12
16
20
10k
100k
1M
60134 G27
8
4
0
VS = 5V, 0V
TA = 25°C
CL = 500pF
CL = 50pF
Output Impedance vs Frequency
Open-Loop Gain vs Frequency
FREQUENCY (Hz)
1
1000
0.1
10
100
1
100
1k
10k
60134 G23
0.01
10
100k
VS = 5V, 0V
TA = 25°C
AV = 100
AV = 10
AV = 5
FREQUENCY (Hz)
20
120
100
80
60
40
–20
0
140
0.01
10
100 1k 10k 100k 1M 10M
60134 G24
–40
0.1
1
VS = 5V, 0V
TA = 25°C
RL = 10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com