Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25SI Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M25SI
Description  Thin Film, Rectangular, Fusible, Resistor Chips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M25SI Datasheet(HTML) 2 Page - Vishay Siliconix

  M25SI Datasheet HTML 1Page - Vishay Siliconix M25SI Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
71
M25SI
Vishay Draloric
Document Number 20031
Revision 05-Aug-02
For Technical Questions, contact: ff2aresistors@vishay.com
Thin Film, Rectangular, Fusible, Resistor Chips
SIZE
DIMENSIONS in millimeters
INCH METRIC
L
W
H
T1
T2
1206
3216
3.2
1.6
± 0.15 0.55 ± 0.05 0.45 ± 0.2 0.4 ± 0.2
+ 0.10
– 0.20
DIMENSIONS
SIZE
SOLDER PAD DIMENSIONS in millimeters*
INCH METRIC
a
b
l
a
b
l
1206
3216
0.9
1.7
2.0
1.1
1.7
2.3
120
100
80
60
40
20
0
- 55
-25
0
25
50
75
100
125
150 175
Ambient Temperature in
°C
70
APPLICABLE SPECIFICATIONS
*Pads: recommendations only
• CECC40000 / 40400
• EN140400 / IEC 60115 – 1
Derating
100
75
60
45
30
15
0
0
0.1
0.2
0.3
0.4
Power in Watt
Temperature Rise
PERFORMANCE
TEST
CONDITIONS OF TEST
REQUIREMENTS1)
Endurance Test at 70
°C
1000 hours at 70
°C 1.5 hours “ON”, 0.5 hours “OFF”
≤ ± 1%
IEC 60115-1 4.25.1
Endurance at UCT
1000 hours at 125
°C without load
≤ ± 1%
IEC 60115-1 4.25.3
Thermal Shock
Rapid change between upper and lower
≤ ± 0.2%
IEC 60115-1 4.19, IEC 60068-2-14
category temperature
Damp Heat Steady State
56 days at 40
°C and 93% relative humidity
≤ ± 0.5%
IEC 60115-1 4.24, IEC 60068-2-3
Resistance to Soldering Heat
10 seconds at 260
°C solder bath temperature
≤ ± 0.2%
IEC 60115-1 4.18, IEC 60068-2-20
1)Limits for change of resistance at test



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com