Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6014ACS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6014ACS8
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014ACS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6014ACS8 Datasheet HTML 8Page - Linear Technology LT6014ACS8 Datasheet HTML 9Page - Linear Technology LT6014ACS8 Datasheet HTML 10Page - Linear Technology LT6014ACS8 Datasheet HTML 11Page - Linear Technology LT6014ACS8 Datasheet HTML 12Page - Linear Technology LT6014ACS8 Datasheet HTML 13Page - Linear Technology LT6014ACS8 Datasheet HTML 14Page - Linear Technology LT6014ACS8 Datasheet HTML 15Page - Linear Technology LT6014ACS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT6013/LT6014
12
60134fa
Not Unity-Gain Stable
The LT6013 and LT6014 amplifiers are optimized for the
lowest possible noise and smallest package size, and are
intentionally decompensated to be stable in a gain con-
figuration of 5 or greater. Do not connect the amplifiers in
a gain less than 5 (such as unity-gain). For a unity-gain
stable amplifier with similar performance though slightly
higher noise and lower bandwidth, see the LT6010 and
LT6011/LT6012 datasheets.
Figure 1 shows simple inverting and non-inverting op amp
configurations and indicates how to achieve a gain of 5 or
greater. For more general feedback networks, determine
the gain that the op amp “sees” as follows:
1. Suppose the op amp is removed from the circuit.
2. Apply a small-signal voltage at the output node of the
op amp.
3. Find the differential voltage that would appear across
the two inputs of the op amp.
4. The ratio of the output voltage to the input voltage is
the gain that the op amp “sees”. This ratio must be
5 or greater.
Do not place a capacitor bigger than 200pF between the
output to the inverting input unless there is a 5 times larger
capacitor from that input to AC ground. Otherwise, the op
amp gain would drop to less than 5 at high frequencies,
and the stability of the loop would be compromised.
The LT6013 and LT6014 can be used in lower gain
configurations when an impedance is connected between
the op amp inputs. Figure 2 shows inverting and non-
inverting unity gain connections. The RC network across
the op amp inputs results in a large enough noise gain at
high frequencies, thereby ensuring stability. At low fre-
quencies, the capacitor is an open circuit so the DC
precision (offset and noise) remains very good.
APPLICATIO S I FOR ATIO
Figure 1. Use LT6013 and LT6014 in a Gain of 5 or Greater
RF
RG
VIN
VREF
NONINVERTING:
SIGNAL GAIN = 1 + RF/RG
OP AMP GAIN = 1 + RF/RG
STABLE IF 1 + RF/RG ≥ 5
60134 F01
–
+
VIN
UNITY-GAIN:
DO NOT USE
–
+
RF
VREF
INVERTING:
SIGNAL GAIN = –RF/RG
OP AMP GAIN = 1 + RF/RG
STABLE IF 1 + RF/RG ≥ 5
VIN
–
+
RG
Figure 2. Stabilizing Op Amp for Unity Gain Operation
VOUT
VIN
–
+
10k
2.5k
1nF
60134 F02
VOUT
VIN
+
–
10k
10k
3k
1nF
UNITY GAIN INVERTER
UNITY GAIN FOLLOWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com