Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41ST95Y
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41ST95Y Datasheet HTML 5Page - STMicroelectronics M41ST95Y Datasheet HTML 6Page - STMicroelectronics M41ST95Y Datasheet HTML 7Page - STMicroelectronics M41ST95Y Datasheet HTML 8Page - STMicroelectronics M41ST95Y Datasheet HTML 9Page - STMicroelectronics M41ST95Y Datasheet HTML 10Page - STMicroelectronics M41ST95Y Datasheet HTML 11Page - STMicroelectronics M41ST95Y Datasheet HTML 12Page - STMicroelectronics M41ST95Y Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
9/35
M41ST95Y*, M41ST95W
OPERATION
The M41ST95Y/W clock operates as a slave de-
vice on the SPI serial bus. Each memory device is
accessed by a simple serial interface that is SPI
bus compatible. The bus signals are SCL, SDI and
SDO (see Table 1., page 5 and Figure 7., page 8).
The device is selected when the Chip Enable input
(E) is held low. All instructions, addresses and
data are shifted serially in and out of the chip. The
most significant bit is presented first, with the data
input (SDI) sampled on the first rising edge of the
clock (SCL) after the Chip Enable (E) goes low.
The 64 bytes contained in the device can then be
accessed sequentially in the following order:
1.
Tenths/Hundredths of a Second Register
2.
Seconds Register
3.
Minutes Register
4.
Century/Hours Register
5.
Day Register
6.
Date Register
7.
Month Register
8.
Year Register
9.
Control Register
10. Watchdog Register
11 - 16.Alarm Registers
17 - 19.Reserved
20.
Square Wave Register
21 - 64.User RAM
The M41ST95Y/W clock continually monitors VCC
for an out-of tolerance condition. Should VCC fall
below VPFD, the device terminates an access in
progress and resets the device address counter.
Inputs to the device will not be recognized at this
time to prevent erroneous data from being written
to the device from a an out-of-tolerance system.
When VCC falls below VSO, the device automati-
cally switches over to the battery and powers
down into an ultra low current mode of operation to
conserve battery life. As system power returns and
VCC rises above VSO, the battery is disconnected,
and the power supply is switched to external VCC.
Write protection continues until VCC reaches
VPFD (min) plus tREC (min). For more information
on Battery Storage Life refer to Application Note
AN1012.
SPI Bus Characteristics
The Serial Peripheral interface (SPI) bus is intend-
ed for synchronous communication between dif-
ferent ICs. It consists of four signal lines: Serial
Data Input (SDI), Serial Data Output (SDO), Serial
Clock (SCL) and a Chip Enable (E).
By definition a device that gives out a message is
called “transmitter,” the receiving device that gets
the message is called “receiver.” The device that
controls the message is called “master.” The de-
vices that are controlled by the master are called
“slaves.”
The E input is used to initiate and terminate a data
transfer. The SCL input is used to synchronize
data transfer between the master (micro) and the
slave (M41ST95Y/W) devices.
The SCL input, which is generated by the micro-
controller, is active only during address and data
transfer to any device on the SPI bus (see Figure
7., page 8).
The M41ST95Y/W can be driven by a microcon-
troller with its SPI peripheral running in either of
the two following modes:
(CPOL, CPHA) = ('0', '0') or
(CPOL, CPHA) = ('1', '1').
For these two modes, input data (SDI) is latched in
by the low-to-high transition of clock SCL, and out-
put data (SDO) is shifted out on the high-to-low
transition of SCL (see Table 2., page 10 and Fig-
ure 8., page 10).
There is one clock for each bit transferred. Ad-
dress and data bits are transferred in groups of
eight bits. Due to memory size the second most
significant address bit is a Don’t Care (address bit
6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com