Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95YMX6TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41ST95YMX6TR
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95YMX6TR Datasheet(HTML) 1 Page - STMicroelectronics

  M41ST95YMX6TR Datasheet HTML 1Page - STMicroelectronics M41ST95YMX6TR Datasheet HTML 2Page - STMicroelectronics M41ST95YMX6TR Datasheet HTML 3Page - STMicroelectronics M41ST95YMX6TR Datasheet HTML 4Page - STMicroelectronics M41ST95YMX6TR Datasheet HTML 5Page - STMicroelectronics M41ST95YMX6TR Datasheet HTML 6Page - STMicroelectronics M41ST95YMX6TR Datasheet HTML 7Page - STMicroelectronics M41ST95YMX6TR Datasheet HTML 8Page - STMicroelectronics M41ST95YMX6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1/35
September 2004
M41ST95Y*
M41ST95W
5.0 or 3.0V, 512 bit (64 bit x8) Serial RTC
(SPI) SRAM and NVRAM Supervisor
* Contact Local Sales Office
FEATURES SUMMARY
■
5.0 OR 3.0V OPERATING VOLTAGE
■
SERIAL PERIPHERAL INTERFACE (SPI)
■
NVRAM SUPERVISOR FOR EXTERNAL
LPSRAM
■
2.5 TO 5.5V OSCILLATOR OPERATING
VOLTAGE
■
AUTOMATIC SWITCH-OVER AND
DESELECT CIRCUITRY
■
CHOICE OF POWER-FAIL DESELECT
VOLTAGES:
–
M41ST95Y*: VCC = 4.5 to 5.5V
4.20V
≤ VPFD ≤ 4.50V
–
M41ST95W: VCC = 2.7 to 3.6V
2.55V
≤ VPFD ≤ 24.70V
■
1.25V REFERENCE (FOR PFI/PFO)
■
COUNTERS FOR TENTHS/HUNDREDTHS
OF SECONDS, SECONDS, MINUTES,
HOURS, DAY, DATE, MONTH, YEAR, AND
CENTURY
■
44 BYTES OF GENERAL PURPOSE RAM
■
PROGRAMMABLE ALARM and INTERRUPT
FUNCTION (VALID EVEN DURING
BATTERY BACK-UP MODE)
■
WATCHDOG TIMER
■
MICROPROCESSOR POWER-ON RESET
■
BATTERY LOW FLAG
■
32kHz FREQUENCY OUTPUT AVAILABLE
IMMEDIATELY UPON POWER-ON (300mil
SO28 MX PACKAGE ONLY)
■
AUTOMATICALLY RECORDS TIME WHEN
POWER-FAIL OCCURS
■
ULTRA-LOW BATTERY SUPPLY CURRENT
OF 550nA (MAX)
■
PACKAGING INCLUDES A 28-LEAD SOIC
and SNAPHAT® TOP (to be ordered
separately)
■
SOIC PACKAGE PROVIDES DIRECT
CONNECTION FOR A SNAPHAT TOP
WHICH CONTAINS THE BATTERY and
CRYSTAL
Figure 1. 28-pin SOIC Package*
Figure 2. 28-pin (300mil) SOIC Package
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery & Crystal
SOX28 (MX)
Embedded Crystal


Similar Part No. - M41ST95YMX6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
452Kb / 31P
5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
Rev. 4.0
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
3.0/3.3V I2C Serial RTC with Supervisory Functions
Jan-2006
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
302Kb / 34P
3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
28-Aug-2008
M41ST84WMH STMICROELECTRONICS-M41ST84WMH Datasheet
452Kb / 31P
5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
Rev. 4.0
M41ST84WMH1 STMICROELECTRONICS-M41ST84WMH1 Datasheet
452Kb / 31P
5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
Rev. 4.0
More results

Similar Description - M41ST95YMX6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST84Y STMICROELECTRONICS-M41ST84Y Datasheet
452Kb / 31P
5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
Rev. 4.0
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
Sep-2004
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
M41ST87W STMICROELECTRONICS-M41ST87W Datasheet
733Kb / 42P
5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
Mar-2006
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
4M SRAM (512-kword X 8-bit)
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
Jan-2006
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2007
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2011
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
512-Kbit (64 K x 8) Serial (SPI) nvSRAM
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com