Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95WMX6TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41ST95WMX6TR
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMX6TR Datasheet(HTML) 5 Page - STMicroelectronics

  M41ST95WMX6TR Datasheet HTML 1Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 2Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 3Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 4Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 5Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 6Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 7Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 8Page - STMicroelectronics M41ST95WMX6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5/35
M41ST95Y*, M41ST95W
Figure 3. Logic Diagram
Note: 1. For SOX28 package only.
2. Open drain
3. Available only in 28-pin, 300mil SOIC (MX) package.
Table 1. Signal Names
Note: 1. For SOX28 package only.
2. Available only in 28-pin, 300mil SOIC (MX) package.
AI06369
SCL
VCC
M41ST95Y/W
VSS
VBAT
(1)
EX
RSTIN1
IRQ/FT/OUT
(2)
SQW
WDI
PFI
RSTIN2
RST
(2)
ECON
SDO
SDI
PFO
VOUT
F32k
(3)
E
ECON
Conditioned Chip Enable Output
EX
External Chip Enable
E
Chip Enable
IRQ/FT/OUT
Interrupt/Frequency Test/Out
Output (Open Drain)
RST
Reset Output (Open Drain)
RSTIN1
Reset 1 Input
RSTIN2
Reset 2 Input
SCL
Serial Clock Input
SDI
Serial Data Input
SDO
Serial Data Output
SQW
Square Wave Output
F32k
(2)
32kHz Square Wave Output
WDI
Watchdog Input
PFI
Power-Fail Input
PFO
Power-Fail Output
VOUT
Voltage Output
VBAT
(1)
Battery Supply Voltage
VCC
Supply Voltage
VSS
Ground
NC
No Connect
NF
No Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com