Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3132E Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAS3132E
Description  Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAS3132E Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAS3132E Datasheet HTML 1Page - Panasonic Semiconductor MAS3132E Datasheet HTML 2Page - Panasonic Semiconductor MAS3132E Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switching Diodes
1
Publication date: November 2003
SKF00065BED
MAS3132E
Silicon epitaxial planar type
For high-speed switching circuits
■ Features
• Two elements are contained in one package, allowing high-
density mounting
• Short reverse recovery time t
rr
• Small terminal capacitance C
t
■ Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
80
V
Maximum peak reverse voltage
VRM
80
V
Forward current
Single
IF
100
mA
Double
150
Peak forward current
Single
IFM
225
mA
Double
340
Non-repetitive peak
Single
IFSM
500
mA
forward surge current * Double
750
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 100 mA
1.2
V
Reverse voltage
VR
IR = 100 µA80
V
Reverse current
IR
VR
= 75 V
100
nA
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
2
pF
Reverse recovery time *
trr
IF = 10 mA, VR = 6 V
3
ns
Irr
= 0.1 I
R , RL
= 100 Ω
■ Electrical Characteristics T
a = 25°C ± 3°C
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 IR
t
r
t
p
t
rr
V
R
I
F
t
t
A
Internal Connection
Note) *: t
= 1 s
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring method for diodes.
2. Absolute frequency of input and output is 100 MHz.
3. *: trr measurement circuit
1: Anode 1
2: Anode 2
3: Cathode 1, 2
SSSMini3-F1 Package
Unit: mm
Marking Symbol: MU
0.33
(0.40)
(0.40)
12
3
5˚
0.80±0.05
1.20±0.05
+0.05
–0.02
0.10
+0.05
–0.02
0.23
+0.05
–0.02
12
3


Similar Part No. - MAS3132E

ManufacturerPart #DatasheetDescription
logo
Micronas
MAS3504D MICRONAS-MAS3504D Datasheet
680Kb / 40P
G.729 Annex A Voice Codec
MAS3506D MICRONAS-MAS3506D Datasheet
696Kb / 52P
WorldSpace WorldSpace Audio Decoder
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
MAS3509F MICRONAS-MAS3509F Datasheet
1Mb / 92P
MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
MAS3519F MICRONAS-MAS3519F Datasheet
1Mb / 92P
MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
More results

Similar Description - MAS3132E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com