Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB30M Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MSB30M
Description  3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MSB30M Datasheet(HTML) 4 Page - Diodes Incorporated

  MSB30M Datasheet HTML 1Page - Diodes Incorporated MSB30M Datasheet HTML 2Page - Diodes Incorporated MSB30M Datasheet HTML 3Page - Diodes Incorporated MSB30M Datasheet HTML 4Page - Diodes Incorporated MSB30M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSB30M
Document number: DS38866 Rev. 3 - 2
4 of 5
www.diodes.com
November 2016
© Diodes Incorporated
MSB30M
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
MSBL
MSBL
Dim
Min
Max
Typ
A
1.30
 1.50
1.40
A1
0.04
0.08
0.06
b
0.95
1.15
1.00
c
0.27
0.40
0.30
D
6.50
6.70
6.60
D3
2.90
3.10
3.00
E
7.20
7.40
7.30
E1
7.90
8.60
8.30
e
5.00
5.20
5.10
L
0.65
1.05
0.85
x
0.95
1.25
1.10
y
0.95
1.25
1.10
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
MSBL
Dimensions
Value
(in mm)
C
5.10
X
1.30
Y
1.20
Y1
8.70
E
E1
e
b
A
D
L
D3
c
A1
Seating
Plane
y
x
Pin#1
(Dia: 0.8 +/-0.03)
C
X
Y
Y1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com