Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDBF31 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # RDBF31
Description  3.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RDBF31 Datasheet(HTML) 4 Page - Diodes Incorporated

  RDBF31 Datasheet HTML 1Page - Diodes Incorporated RDBF31 Datasheet HTML 2Page - Diodes Incorporated RDBF31 Datasheet HTML 3Page - Diodes Incorporated RDBF31 Datasheet HTML 4Page - Diodes Incorporated RDBF31 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RDBF31-RDBF310
Document number: DS39412 Rev. 2 - 2
4 of 5
www.diodes.com
June 2018
© Diodes Incorporated
RDBF31-RDBF310
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
DBF
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
DBF
DBF
Dim
Min
Max
Typ
A
1.30
1.50
--
A1
0.04
0.12
--
A3
0.15
0.35
--
b
0.80
1.20
--
D
6.45
6.85
--
D3
3.80
4.20
--
E
8.50
8.90
--
E1
7.80
8.20
--
e
4.80
5.20
--
L
0.80
1.40
--
L1
0.30
0.40
--
All Dimensions in mm
Dimensions
Value
(in mm)
C
5.00
C1
7.60
X
1.40
Y
1.60
E
D
e
b
L
L1
E1
A
A1
A3
D3
X
C1
C
Y



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com