Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # RTC
Description  Specify your custom Golledge RTC module here
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

RTC Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  RTC Datasheet HTML 1Page - Golledge Electronics Ltd RTC Datasheet HTML 2Page - Golledge Electronics Ltd RTC Datasheet HTML 3Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Custom RTC 2/3
v1.0
Time
accuracy
Accuracy as good as ±1.5ppm or 0.13s/day
available
Miniature
packages
As small as 3.2 x 1.5 x 0.8mm
Automotive
qualification
AEC-Q200 qualification available, with full
PPAP documentation on request
Additional
RTC
functions
Clock and calendar functionality, timer, alarm,
temperature sensor, time stamp event input,
and user RAM all available
High shock
and
vibration
resistance
5,000g shock resistance and 20g vibration
resistance readily available
Interface
SPI-bus and I C-bus interfaces available
To request a quotation please use the configurable options
form to indicate your requirements, and then submit your
request to our team. Our expert advisers are always happy to
help and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Once we've received your request our expert team will then
produce a quotation tailored to meet your needs using the
option codes you've selected.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
SPECIFICATIONS
2
ORDERING INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com