Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV8564C2 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # RV8564C2
Description  RTC I C bus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

RV8564C2 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  RV8564C2_18 Datasheet HTML 1Page - Golledge Electronics Ltd RV8564C2_18 Datasheet HTML 2Page - Golledge Electronics Ltd RV8564C2_18 Datasheet HTML 3Page - Golledge Electronics Ltd RV8564C2_18 Datasheet HTML 4Page - Golledge Electronics Ltd RV8564C2_18 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RV8564C2 2/5
v1.0
Frequencies
(selectable)
32.768kHz, 1024Hz, 32Hz, 1Hz
Dimensions
5.0 x 3.2 x 1.2mm
Turnover
temperature
(T )
+25°C ±5°C
Frequency /
temp
coefficient
-0.035ppm/°C ±10%
Operating
temperature
range
-40 to +85°C
Storage
temperature
range
-55 to +125°C
Supply voltage
(V )
I C bus active 1.8 ~ 5.5V
Time-keeping mode 1.2 ~ 5.5V
Supply current
(during access)
200µA max (fscl=100kHz)
800µA max (fscl=400kHz)
Supply current
(time-keeping)
250/500nA typ/max (fscl=0Hz, V =3V)
225/450nA typ/max (fscl=0Hz, V =2V)
Ageing
±3ppm max first year
Shock and
vibration
resistance
±5ppm, 5,000g, 0.3ms, ½ sine
±5ppm, 20g, 10.0 ~ 2,000Hz
Soldering
condition
Reflow, 260°C, 20 sec max
SPECIFICATIONS
0
2
DD
2
DD
DD
PACKAGE DRAWING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com