Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCPDF-600-XS Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPCPDF-600-XS
Description  600W wide input AC/DC switching power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPCPDF-600-XS Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPCPDF-600-XS Datasheet HTML 1Page - Toppower Electronic Technology Limited TPCPDF-600-XS Datasheet HTML 2Page - Toppower Electronic Technology Limited TPCPDF-600-XS Datasheet HTML 3Page - Toppower Electronic Technology Limited TPCPDF-600-XS Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPC/PDF-600-XS Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page2 / 4
INPUT CHARACTERISTICS
Conditions
Parameter
Input voltage range
90Vac~264Vac , (300Vac 3000mS)
Rated input voltage range
100Vac~240Vac
Frequency Range
47Hz~63Hz
Set-up voltage @-20~65℃
90Vac(refer to the derating curve)
Input current @25℃
<4.0 A/220Vac @12V50A output <5.0A/110Vac @12V35A output, others:<6A/110Vac <4A/220Vac
Inrush current @25℃
<40A@220Vac input 12V output <15A@110Vac input 24/48V output <30A@220Vac input 24/48V output
Power Factor(Typical)
PF≥0.95/220VAC @12V50A output , PF≥0.98/110VAC@ full load , PF≥0.95/220VAC@ full load ,
Leakage Current
Input—output: ≤0.25mA
Input—PG: ≤3.5mA (264Vac, 63Hz)
Standby power consumption
<5W
PROTECTION @-20~65℃
Conditions
Parameter
Notes
Over-Load
12V 24V 48V
Protection type: 12V: Intermittent working, working time>0.1s, recovery time >2s 24V / 48V: Hiccup mode, auto recovery
Over-voltage
12V 24V 48V
113%~130% of rated voltage Protection type: Constant voltage, auto recovery
Over-temperature
12V 24V 48V
95℃+5℃(detect on thermal protector on PFC mosfet);shut down,auto recovery after the temperature goes down to 40℃
Output short circuit
Long-term model , constant current,auto recovery
ENVIRONMENT CHARACTERISTICS
Conditions
Parameter
Operating amb. Temp.&Humi.
-20℃~70℃; 20%~90%RH No condensing
(refer to the derating curve)
Storage Temp. & Humi.
-40℃~85℃; 10%~95%RH
No condensing
Vibration
10 ~ 500Hz, 2G,10min./1cycle, period for60min. each along X,Y, Z axes
Pulse
20G/11mS pulse ,3 times at each X,Y,Z axes
Altitude
5000m
SAFETY&EMC STANDARDS @25℃
Conditions
Parameter
Safety Standards
GB4943/EN60950 (for reference)
Withstand Voltage
I/P-O/P:3.0KVac/10mA; I/P-FG:1.5KVac/10mA; O/P-FG:0.5KVdc/10mA
test time:1min.
Isolation resistance
I/P-O/P: 10M ohms;
I/P-FG : 10M ohms;
O/P-FG : 10M ohms
Grounding test
12V: Test condition:40A/1min.Grounding resistance:<0.1 ohms.
24V 48V: Test condition:32A/2min.Grounding resistance:<0.1 ohms.
Harmonic Current
Compliance to EN61000-3-2,Class D
EMC emission
Compliance to EN55032, CLASS B
FCC PART15B
EMC immunity
Compliance to EN61000-4-2,3,4,5,6,8,11 heavy industry Leve
OTHERS
Conditions
Parameter
Cooling method
Cooling by free air flow
Dimension (L*W*H)
218*116.5*40.7mm
Net Weight
1.02kg
TOPPOWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com