Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD95-08IO8B Datasheet(PDF) 6 Page - IXYS Corporation

Part # MCD95-08IO8B
Description  Thyristor Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCD95-08IO8B Datasheet(HTML) 6 Page - IXYS Corporation

  MCD95-08IO8B Datasheet HTML 1Page - IXYS Corporation MCD95-08IO8B Datasheet HTML 2Page - IXYS Corporation MCD95-08IO8B Datasheet HTML 3Page - IXYS Corporation MCD95-08IO8B Datasheet HTML 4Page - IXYS Corporation MCD95-08IO8B Datasheet HTML 5Page - IXYS Corporation MCD95-08IO8B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MCD95-08io8B
0
50
100
150
200
250
0
200
400
600
800
1000
1200
t [s]
10-3
10-2
10-1
100
101
102
103
0.0
0.1
0.2
0.3
0.4
0.5
Z
thJC
[K/W]
I
RMS [A]
P
tot
[W]
0
50
100
150
T
a [°C]
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Z
thJK
[K/W]
t [s]
Circuit
W3
3x MCC95 or
3x MCD95
0.15
0.12
0.08
R
thKA K/W
0.3
0.03
0.06
0.5
DC
180°
120°
60°
30°
Fig. 8 Three phase AC-controller: Power dissipation versus
RMS output current and ambient temperature
Fig. 9 Transient thermal impedance junction to case (per thyristor/diode)
Fig. 10 Transient thermal impedance junction to heatsink (per thyristor/diode)
DC
180°
120°
60°
30°
R
thJC for various conduction angles d:
d
R
thJC [K/W]
DC
0.22
180°
0.23
120°
0.25
60°
0.27
30°
0.28
Constants for Z
thJC calculation:
i
R
thi [K/W]
t
i [s]
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.3440
R
thJK for various conduction angles d:
d
R
thJK [K/W]
DC
0.42
180°
0.43
120°
0.45
60°
0.47
30°
0.48
Constants for Z
thJK calculation:
i
R
thi [K/W]
t
i [s]
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.3440
4
0.2000
1.3200
Rectifier
IXYS reserves the right to change limits, conditions and dimensions.
20161222c
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com