Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3 Datasheet(PDF) 21 Page - Texas Instruments

Part # TDA3
Description  SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA3 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TDA3 Datasheet HTML 17Page - Texas Instruments TDA3 Datasheet HTML 18Page - Texas Instruments TDA3 Datasheet HTML 19Page - Texas Instruments TDA3 Datasheet HTML 20Page - Texas Instruments TDA3 Datasheet HTML 21Page - Texas Instruments TDA3 Datasheet HTML 22Page - Texas Instruments TDA3 Datasheet HTML 23Page - Texas Instruments TDA3 Datasheet HTML 24Page - Texas Instruments TDA3 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 261 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA3
21
TDA3
www.ti.com
SPRS964E – JUNE 2016 – REVISED MAY 2018
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MA/LX/LA
[4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
B10
gpmc_wen
gpmc_wen
0
O
PD
PD
0
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
rgmii1_txd0
1
O
ehrpwm1_synco
4
O
gpio1_5
14
IO
Driver off
15
I
L3
i2c1_scl
i2c1_scl
0
IO
OFF
OFF
0
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
I2C
PU
L4
i2c1_sda
i2c1_sda
0
IO
OFF
OFF
0
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
I2C
PU
L6
i2c2_scl
i2c2_scl
0
IO
OFF
OFF
0
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
I2C
PU
L5
i2c2_sda
i2c2_sda
0
IO
OFF
OFF
0
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
I2C
PU
W6
mcan_rx
mcan_rx
0
IO
PU
PU
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
1
cam_nreset
N / Y / N
1
IO
vin2a_vsync0
2
I
spi1_cs3
3
IO
1
uart3_txd
4
O
gpmc_cs7
5
O
vin1b_vsync1
7
I
0
gpio4_12
14
IO
Driver off
15
I
W7
mcan_tx
mcan_tx
0
IO
PU
PU
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
1
vin2a_de0
1
I
vin2a_hsync0
2
I
spi1_cs2
3
IO
1
uart3_rxd
4
I
1
gpmc_wait1
6
I
1
vin1b_hsync1
7
I
0
vin1b_de1
8
I
0
gpio4_11
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com