Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP515 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MIP515
Description  Silicon MOSFET type Integrated Circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP515 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MIP515 Datasheet HTML 1Page - Panasonic Semiconductor MIP515 Datasheet HTML 2Page - Panasonic Semiconductor MIP515 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIP515
2
SLB00022AED
I Electrical Characteristics T
C
= 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
On-resistance
RDS(ON)
VIN
= 5 V, I
DS
= 1 A
0.35
0.50
Ω
Drain to source on voltage
VDS(ON)
VIN = 5 V, IDS = 1 A
0.35
0.50
V
Drain clamp voltage
VDS(CLP)
VIN = 0, IDS = 3 mA
45
52
V
Drain-off current 1
IDS(OFF)1
VIN
= 0, V
DS
= 12 V
0.1
5.0
µA
Drain-off current 2
IDS(OFF)2
VIN = 0, VDS = 25 V
0.2
8.0
Drain-off current 3
IDS(OFF)3
VIN
= 0, V
DS
= 40 V
0.5
10.0
High-level input voltage
VIN(H)
IDS
= 1 A
4
V
Low-level input voltage
VIN(L)
IDS = 1 mA
0.8
V
Input current (normal)
IIN(ON)
VIN
= 5 V, V
DS
= 00.2
0.5
mA
Input current (act on protection) *
IIN(PROT)
VIN
= 5 V
0.45
1.00
mA
Over current protection limit
IOCP
VIN = 5 V
2.5
4.0
A
(short circuit load protection limit)
(VSHT )
(1.2)
(1.6)
(V)
Note) 1. At on-state when drain voltage exceeds the "Short circuit load protection voltage", output current begin to oscillate.
2. When drain voltage exceeds the "drain clamp voltage" output MOS turn on, so drain voltage are clamped before the drain-
source junction become breakdown.
3. *: State of short circuit load protection and over heat protection (designed guarantee).
I Electrical Characteristics (Reference value: Non guarantee value)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Cutoff temperature at overheat
TSHD
VIN = 5 V
140
°C
Turn-on time
tON
VDD = 30 V, RL = 30 Ω
7
µs
Turn-off time
tOFF
IDS = 1 A, VIN = 5 V
17
Note) If the chip temperature exceeds the "over heat protection temperature", output current is shut down. And if the chip cool
down, the protection will operate automatically again.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com