Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZFAS-2000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZFAS-2000
Description  Attenuator/Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFAS-2000 Datasheet(HTML) 1 Page - Mini-Circuits

  ZFAS-2000 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Control Current
30mA
10
20
30
40
50
60
0
400
800
1200
1600
2000
FREQUENCY (MHz)
ZFAS-2000+
ISOLATION
IN-OUT
IN-CON
ZFAS-2000+
50
Ω
Bi-Phase
100 to 2000 MHz
Attenuator/Switch
REV. B
M151107
ZFAS-2000+
WP/TD/CP
151005
Coaxial
CASE STYLE: K18
Connectors
Model
SMA
ZFAS-2000+
BRACKET (OPTION "B")
0
10
20
30
40
50
60
0.0001
0.001
0.01
0.1
1
10
CONTROL CURRENT (mA)
ZFAS-2000+
ATTENUATION
100 MHz
1000 MHz
2000 MHz
Features
• wideband, 100 to 2000 MHz
• rugged shielded case
Applications
• bi-phase modulator
Coaxial Connections
INPUT
2
OUTPUT
1
CONTROL
3
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
400
800
1200
1600
2000
FREQUENCY (MHz)
ZFAS-2000+
INSERTION LOSS
suggested control port biasing configuration
Outline Drawing
Outline Dimensions (
)
A
B
C
D
E
F
G
H
1.25
1.25
.75
.63
.38
1.00
.125 1.000
31.75
31.75
19.05
16.00
9.65
25.40
3.18 25.40
J
K
L
M
N
P
Q
wt
--
--
.125 1.688
2.18
.75
.07 grams
--
--
3.18
42.88
55.37
19.05
1.78
70.0
inch
mm
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = [ 2 f
L to fU/2]
* 15 dBm from 100-800 MHz.
Performance specifications apply for input power up to 10 dB below stated 1 dB compression.
FREQUENCY
(MHz)
INSERTION LOSS
(dB)
±20 mA
MAX. INPUT
PWR
(dBm)
±20mA
IN-OUT
ISOLATION
(dB)
0 mA
BI-PHASE X
(
±20 mA) Typ.
∆ AMP
(dB)
Phase (deg.)
deviation
from 180°
IN
CON
Mid-Band
m
Total
Range
1 dB
no
L
M
U
Total
Total
f
L-fU
Typ. Max. Typ. Max. compr. damage Typ. Min. Typ. Min. Typ. Min.
m
Range
m
Range
100-2000
DC-0.5
4.2
6.5
5.4
7.5
19*
25
30
22
—
—
26
20
0.3
0.4
5.0
8.0
—
electrical schematic
Attenuator/Switch Electrical Specifications
Freq.
(MHz)
I. Loss
(dB)
at 20mA
±Control
∆∆AMP
(dB)
20mA
∆∆Phase
(deg.)
Isolation (dB)
(in-out) (in-con)
Input
R. Loss
(dB)
Control
Current
(mA)
Attenuation (dB) Phase ∆ ref at 15mA Ctrl
Input VSWR
100
MHz
1000
MHz
2000
MHz
100
MHz
1000
MHz
2000
MHz
100
MHz
1000
MHz
2000
MHz
—
X
σ
—
X
—
X
—
X
—
X
—
X
deg.
deg.
deg.
100.0
3.76 0.006
0.02
179.4
46
48
9.5
0.0000 51.0 38.9 34.4
89.6
18.6
46.6
1.6
4.7
2.9
137.1
3.72 0.003
0.01
179.0
43
44
10.2
0.0001 48.5 37.0 33.9
91.3
12.9
42.2
1.6
4.7
2.9
301.5
3.55 0.001
0.03
178.2
36
34
11.0
0.0002 46.3 35.1 33.2
89.8
8.7
35.1
1.6
4.6
2.9
383.8
3.61 0.001
0.04
177.7
34
32
10.5
0.0003 44.1 33.6 32.7
85.5
5.8
31.0
1.5
4.6
2.9
503.4
3.85 0.010
0.08
177.1
32
30
9.3
0.0004 42.3 32.4 32.1
84.8
2.4
27.0
1.5
4.6
2.9
630.4
4.17 0.027
0.18
176.4
30
29
7.9
0.0005 39.1 30.8 31.2
78.5
-1.4
21.2
1.5
4.6
2.9
757.5
4.47 0.059
0.21
176.3
30
31
6.9
0.0006 36.5 29.7 30.6
71.5
-4.8
16.8
1.5
4.5
2.9
802.4
4.54 0.061
0.22
176.4
30
31
6.7
0.0007 30.2 26.8 28.7
53.5
-12.0
6.9
1.5
4.4
2.8
899.5
4.91 0.107
0.27
176.1
30
30
6.3
0.0008 25.5 24.0 26.3
43.0
-15.6
-0.9
1.4
4.2
2.7
996.7
4.96 0.114
0.28
175.9
29
28
6.2
0.0011 22.0 21.2 23.6
36.6
-16.4
-5.9
1.4
4.0
2.6
1004.2
4.94 0.118
0.28
175.8
29
28
6.2
0.0016 18.4 18.1 20.3
31.0
-16.0
-8.8
1.3
3.7
2.4
1131.3
5.57 0.162
0.36
175.7
30
26
6.4
0.0032 14.1 14.1 15.9
24.3
-13.7
-9.8
1.2
3.3
2.0
1258.3
5.56 0.105
0.36
175.5
30
24
7.0
0.0058 11.3 11.5 13.0
19.5
-11.1
-8.9
1.2
3.1
1.8
1377.9
5.69 0.045
0.37
175.5
30
24
7.7
0.0106
9.1
9.5 10.6
14.8
-8.6
-7.5
1.3
3.0
1.6
1497.5
5.26 0.053
0.33
175.2
28
21
8.7
0.0226
6.9
7.7
8.3
9.5
-5.5
-5.4
1.5
2.9
1.4
1632.1
5.38 0.045
0.27
174.7
28
20
10.0
0.0381
5.9
6.9
7.2
6.7
-4.0
-4.0
1.6
2.9
1.4
1699.4
5.20 0.068
0.29
174.2
28
20
10.8
0.1031
4.8
6.0
6.0
3.2
-2.0
-2.1
1.8
3.0
1.5
1751.7
5.49 0.068
0.27
174.2
28
21
11.3
0.3098
4.3
5.5
5.4
1.3
-0.9
-1.0
1.9
3.0
1.6
1901.2
5.22 0.090
0.23
173.0
28
22
12.4
1.5487
4.0
5.3
5.0
0.4
-0.4
-0.4
2.0
3.0
1.7
2000.0
5.57 0.156
0.25
172.7
28
23
12.5
15.1120
3.9
5.2
4.9
0.1
-0.1
0.0
2.0
3.1
1.7
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - ZFAS-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFAS-2000 MINI-ZFAS-2000 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
More results

Similar Description - ZFAS-2000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAS-3 MINI-ZAS-3 Datasheet
164Kb / 1P
Attenuator/Switch
ZAS-1 MINI-ZAS-1 Datasheet
210Kb / 1P
Attenuator/Switch
ZMAS-3 MINI-ZMAS-3 Datasheet
213Kb / 1P
Attenuator/Switch
SYAS-1 MINI-SYAS-1 Datasheet
293Kb / 1P
Attenuator/Switch
GAS-1 MINI-GAS-1 Datasheet
207Kb / 1P
Attenuator/Switch
GAS-2 MINI-GAS-2 Datasheet
207Kb / 1P
Attenuator/Switch
TFAS-1 MINI-TFAS-1 Datasheet
206Kb / 1P
Attenuator/Switch
TFAS-1SM MINI-TFAS-1SM Datasheet
298Kb / 1P
Attenuator/Switch
TFAS-2 MINI-TFAS-2 Datasheet
205Kb / 1P
Attenuator/Switch
TFAS-2SM MINI-TFAS-2SM Datasheet
260Kb / 1P
Attenuator/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com