Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5259-2.5BML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5259-2.5BML
Description  300mA High PSRR, Low Noise UCap CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5259-2.5BML Datasheet(HTML) 8 Page - Micrel Semiconductor

  MIC5259-2.5BML Datasheet HTML 1Page - Micrel Semiconductor MIC5259-2.5BML Datasheet HTML 2Page - Micrel Semiconductor MIC5259-2.5BML Datasheet HTML 3Page - Micrel Semiconductor MIC5259-2.5BML Datasheet HTML 4Page - Micrel Semiconductor MIC5259-2.5BML Datasheet HTML 5Page - Micrel Semiconductor MIC5259-2.5BML Datasheet HTML 6Page - Micrel Semiconductor MIC5259-2.5BML Datasheet HTML 7Page - Micrel Semiconductor MIC5259-2.5BML Datasheet HTML 8Page - Micrel Semiconductor MIC5259-2.5BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MIC5259
Micrel, Inc.
M9999-051305
8
May 2005
Applications Information
Enable/Shutdown
The MIC5259 comes with an active-high enable pin that al-
lows the regulator to be disabled. Forcing the enable pin low
disables the regulator and sends it into a “zero” off-mode-cur-
rent state. In this state, current consumed by the regulator
goes nearly to zero. Forcing the enable pin high enables
the output voltage. This part is CMOS and the enable pin
cannot be left floating; a floating enable pin may cause an
indeterminate state on the output.
Input Capacitor
The MIC5259 is a high performance, high bandwidth device.
Therefore, it requires a well-bypassed input supply for optimal
performance. A 1µF capacitor is required from the input-to-
ground to provide stability. Low-ESR ceramic capacitors
provide optimal performance at a minimum of space. Addi-
tional high frequency capacitors, such as small valued NPO
dielectric type capacitors, help filter out high frequency noise
and are good practice in any RF based circuit.
Output Capacitor
The MIC5259 requires an output capacitor for stability. The
designrequires1µForgreaterontheoutputtomaintainstabil-
ity.The design is optimized for use with low-ESR ceramic chip
capacitors. High ESR capacitors may cause high frequency
oscillation. The maximum recommended ESR is 300mΩ.
The output capacitor can be increased, but performance has
been optimized for a 1µF ceramic output capacitor and does
not improve significantly with larger capacitance.
X7R/X5R dielectric-type ceramic capacitors are recom-
mendedbecauseoftheirtemperatureperformance.X7R-type
capacitors change capacitance by 15% over their operating
temperature range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change value
by as much as 50% and 60%, respectively, over their operat-
ing temperature ranges. To use a ceramic chip capacitor with
Y5V dielectric, the value must be much higher than an X7R
ceramic capacitor to ensure the same minimum capacitance
over the equivalent operating temperature range.
Bypass Capacitor
A capacitor is required from the noise bypass pin to ground
to reduce output voltage noise. The capacitor bypasses
the internal reference. A 0.01µF capacitor is recommended
for applications that require low-noise outputs. The bypass
capacitor can be increased, further reducing noise and im-
proving PSRR. Turn-on time increases slightly with respect
to bypass capacitance. A unique quick-start circuit allows
the MIC5259 to drive a large capacitor on the bypass pin
without significantly slowing turn-on time. Refer to the “Typi-
cal Characteristics” section for performance with different
bypass capacitors.
Active Shutdown
The MIC5259 also features an active shutdown clamp, which
is an N-Channel MOSFET that turns on when the device is
disabled. This allows the output capacitor and load to dis-
charge, de-energizing the load.
No-Load Stability
The MIC5259 will remain stable and in regulation with no
load unlike many other voltage regulators. This is especially
important in CMOS RAM keep-alive applications.
Thermal Considerations
The MIC5259 is designed to provide 300mA of continuous
current in a very small package. Maximum power dissipation
can be calculated based on the output current and the voltage
drop across the part. To determine the maximum power dis-
sipation of the package, use the junction-to-ambient thermal
resistance of the device and the following basic equation:


TJ (max) −TA
θJA
PD (max) =
TJ(max) is the maximum junction temperature of the die,
125°C, and TA is the ambient operating temperature. θJA is
layout dependent; Table 1 shows examples of junction-to-
ambient thermal resistance for the MIC5259.
Package
θJA Recommended θJA 1” Square
θJC
Minimum Footprint
Copper Clad
SOT-23-5
235°C/W
185°C/W
145°C/W
(M5 or D5)
MLF (ML)
90°C/W
Table 1. Thermal Resistance
The actual power dissipation of the regulator circuit can be
determined using the equation:
PD = (VIN – VOUT) IOUT + VIN IGND
Substituting PD(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit. For
example, when operating the MIC5259-2.8BML at 70°C with
a minimum footprint layout, the maximum input voltage for a
set output current can be determined as follows:
P (max)
D
=


90°C/W
125°C − 70°C
PD(max) = 611mW
The junction-to-ambient thermal resistance for the minimum
footprint is 90°C/W, from Table 1. The maximum power dis-
sipation must not be exceeded for proper operation. Using
the output voltage of 2.8V and an output current of 200mA,
the maximum input voltage can be determined. Because this
deviceisCMOSandthegroundcurrentistypically110µAover
theloadrange,thepowerdissipationcontributedbytheground
current is <1% and can be ignored for this calculation.
611mW = (VIN – 2.8V)200mA
611mW = VIN × 200mA – 560mW
1171mW = VIN × 200mA
VIN(max) = 5.85V
Therefore, a 2.8V application at 200mA of output current can
accept a maximum input voltage of 5.85V in an MLF package.
For a full discussion of heat sinking and thermal effects on
voltage regulators, refer to the “Regulator Thermals” section
of Micrel’s Designing with Low-Dropout Voltage Regulators
handbook.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com