Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5259-2.85BML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5259-2.85BML
Description  300mA High PSRR, Low Noise UCap CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5259-2.85BML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5259-2.85BML Datasheet HTML 1Page - Micrel Semiconductor MIC5259-2.85BML Datasheet HTML 2Page - Micrel Semiconductor MIC5259-2.85BML Datasheet HTML 3Page - Micrel Semiconductor MIC5259-2.85BML Datasheet HTML 4Page - Micrel Semiconductor MIC5259-2.85BML Datasheet HTML 5Page - Micrel Semiconductor MIC5259-2.85BML Datasheet HTML 6Page - Micrel Semiconductor MIC5259-2.85BML Datasheet HTML 7Page - Micrel Semiconductor MIC5259-2.85BML Datasheet HTML 8Page - Micrel Semiconductor MIC5259-2.85BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC5259
Micrel, Inc.
M9999-051305
2
May 2005
Pin Configuration
IN
OUT
BYP
EN
NYxx
1
3
4
5
2
GND
MIC5259-x.xBD5
ThinSOT™-23-5 (D5)
(Top View)
Ordering Information
Part Number
Marking
Standard
Pb-Free
Standard Pb-Free
Voltage
Junction Temp. Range
Package
MIC5259-2.5BD5
MIC5259-2.5YD5
NY25
NY25
2.5V
–40°C to +125°C
ThinSOT™-23-5
MIC5259-2.8BD5
MIC5259-2.8YD5
NY28
NY28
2.8V
–40°C to +125°C
ThinSOT™-23-5
MIC5259-2.85BD5
MIC5259-2.85YD5
NY2J
NY2J
2.85V
–40°C to +125°C
ThinSOT™-23-5
MIC5259-3.0BD5
MIC5259-3.0YD5
NY30
NY30
3.0V
–40°C to +125°C
ThinSOT™-23-5
MIC5259-3.3BD5
MIC5259-3.3YD5
NY33
NY33
3.3V
–40°C to +125°C
ThinSOT™-23-5
MIC5259-2.5BML
MIC5259-2.5YML
Y25
Y25
2.5V
–40°C to +125°C
2mm × 2mm MLF™
MIC5259-2.8BML
MIC5259-2.8YML
Y28
Y28
2.8V
–40°C to +125°C
2mm × 2mm MLF™
MIC5259-2.85BML
MIC5259-2.85YML
Y2J
Y2J
2.85V
–40°C to +125°C
2mm × 2mm MLF™
MIC5259-3.0BML
MIC5259-3.0YML
Y30
Y30
3.0V
–40°C to +125°C
2mm × 2mm MLF™
MIC5259-3.3BML
MIC5259-3.3YML
Y33
Y33
3.3V
–40°C to +125°C
2mm × 2mm MLF™
Other voltages available. Contact Micrel for details.
1
EN
GND
IN
6 BYP
NC
OUT
5
4
2
3
MIC5259-x.xBML
6-Pin 2mm × 2mm MLF™ (ML)
(Top View)
Pin Description
Pin Number
Pin Number
ThinSOT™-23-5
MLF™-6
Pin Name
Pin Function
1
3
IN
Supply Input.
2
2
GND
Ground.
3
1
EN
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable;
logic low = shutdown. Do not leave open.
4
6
BYP
Reference Bypass: Connect external 0.01µF ≤ CBYP ≤ 1.0µF capacitor to
GND to reduce output noise. May be left open.
5
4
OUT
Regulator Output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com